Electronic Components Datasheet Search
  English  ▼

X  

SS4002AG Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS4002AG
Description  Smart Li-Ion Battery Gas Gauge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS4002AG Datasheet(HTML) 6 Page - Silicon Standard Corp.

Back Button SS4002AG Datasheet HTML 2Page - Silicon Standard Corp. SS4002AG Datasheet HTML 3Page - Silicon Standard Corp. SS4002AG Datasheet HTML 4Page - Silicon Standard Corp. SS4002AG Datasheet HTML 5Page - Silicon Standard Corp. SS4002AG Datasheet HTML 6Page - Silicon Standard Corp. SS4002AG Datasheet HTML 7Page - Silicon Standard Corp. SS4002AG Datasheet HTML 8Page - Silicon Standard Corp. SS4002AG Datasheet HTML 9Page - Silicon Standard Corp. SS4002AG Datasheet HTML 10Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.SiliconStandard.com
6 of 23
SS4002AG also supports an optional function to report
individual cell voltage measurements. Connecting tips of
cells to SS4002AG pins, SS4002AG can measure voltage
of each battery cell. The SS4002AG also provides line
resistance correction factors, which are stored in the
EEPROM, to accurately determine the individual cell
voltage
Temperature
The SS4002AG monitors temperature sensing using an
external thermistor. The temperature is used to adapt
charge and self-discharge compensations as well as to
monitor for maximum temperature. Temperature may be
accessed over the SMBus with standard SBD command
0x08.
Calibration
SS4002AG provides calibration on the gauge board
(module)
for
voltage,
current
and
temperature
measurement. After calibration, both slope and offset of
each channel will be stored in the EEPROM. To
calibrate the module, a calibration kit providing standard
signals is required. As the A/D converter is affected by
temperature, the current offset will keep adjusting during
normal operation.
Display port
The display port drives low-power LEDs for a bar-graph
display. Each LED segment represents 20% or 25% of
the FCC determined by the LED bit in the ControlMode
register stored in the EEPROM. The LED outputs are
active all the time.
SMBus Communication Protocol
The SS4002AG receives and transmits data with or
without
PEC.
Figure
2
shows
the
communication
protocol for the Read Word, Write Word, and Read
Block messages without PEC. Figure 3 includes PEC. In
the Write Word protocol, the slave device waits for the
PEC after the last byte of data from the master device. If
the master device does not support PEC, the last byte of
data is followed by a STOP condition. After receipt of
the PEC, the slave device compares the value to its
calculation. If the PEC is correct, the slave device
responds with an ACKNOWLEDGE. If it is not correct,
the slave device responds with a NOT ACKNOWLEDGE
and sets an error code.
SMBus commands from host
As an SMBus slave device, the SS4002AG accepts three
types of SMBus protocol: read-word, write-word and
read-block, according to the command send from the
host. Table 1 shows the commands the SS4002AG
accepts. All the commands (or register functions)
proposed in the Smart Battery Data Specification (SBD)
version 1.1 are implemented in the SS4002AG. In
addition, other optional functions and non-standard
commands are provided as well. All the non-standard
commands and some of the manufacturer functions can
be fixed.
SS4002AG
12/16/2005 Rev.3.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com