Electronic Components Datasheet Search
  English  ▼

X  

SS4002AG Datasheet(PDF) 16 Page - Silicon Standard Corp.

Part # SS4002AG
Description  Smart Li-Ion Battery Gas Gauge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS4002AG Datasheet(HTML) 16 Page - Silicon Standard Corp.

Back Button SS4002AG Datasheet HTML 12Page - Silicon Standard Corp. SS4002AG Datasheet HTML 13Page - Silicon Standard Corp. SS4002AG Datasheet HTML 14Page - Silicon Standard Corp. SS4002AG Datasheet HTML 15Page - Silicon Standard Corp. SS4002AG Datasheet HTML 16Page - Silicon Standard Corp. SS4002AG Datasheet HTML 17Page - Silicon Standard Corp. SS4002AG Datasheet HTML 18Page - Silicon Standard Corp. SS4002AG Datasheet HTML 19Page - Silicon Standard Corp. SS4002AG Datasheet HTML 20Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
www.SiliconStandard.com
16 of 23
SS4002AG
12/16/2005 Rev.3.01
Programming the SS4002AG
The SS4002AG requires the programming of an external EEPROM for proper device operation. Each module can be
calibrated for the greatest accuracy, or general default values can be used. The calibration kit (including calibration
board, software, and cable) for the Windows system is available. The SS4002AG uses a 24LC0 2 or equivalent serial
EEPROM (capable of read operation to 2.0V) for storing various initial values, calibration data, and string information.
Table 7 and Table 8 detail the contents and show typical program values for a 3600mAh, 4-series Li- Ion battery pack,
using a 20m
Ω sense resistor.
Table 7. Programming the EEPROM
Address
HEX Content
Name
Low
High
Low
High
Example
Value
Description
EEPROM valid
0x00
0x53
‘S’
To indicate that valid data in EEPROM
EEPROM check
0x01
0x54
‘T’
To indicate that external calibration has been
done
Remaining Time
Alarm
0x02
0x03
0x0a
00
10 min
The time alarm value.
Remaining Capacity
Alarm
0x04
0x05
0xf0
00
240mAh
The low capacity alarm threshold value.
Cycle Count
0x06
0x07
00
00
0
The number of cycles the battery has
experienced.
Design Capacity
0x08
0x09
0x60
0x09
3600mAh
The theoretical capacity of the new pack.
Pack Exhausted
Voltage
(PEV)
0x0a
0x0b
0x20
0xd1
12000mV
Battery exhausted detection threshold level. The
pack is assumed to be exhausted, when the pack
output voltage is below this value. The value
programmed is the two’s complement of the
threshold voltage in mV.
Pack Low Check
Voltage
(PLCV )
0x0c
0x0d
0x20
0xd1
12000mV
Battery pack voltage checkpoint beyond PEV
(3%). The value programmed is the two’s
complement of the threshold voltage in mV.
Pack Low Voltage
(PLV)
0x0e
0x0f
0x88
0xc8
14200mV
Battery pack voltage at battery low. The value
programmed is the two’s complement of the
threshold voltage in mV.
Full Charge Capacity
0x10
0x11
0xb8
0x0b
3000mA
This value sets the estimated pack capacity. This
value will be updated when a complete learning
cycle is experienced.
Remaining Capacity
0x12
0x13
0xe8
0x03
1000mAh
Current battery remaining capacity. This value
will be reset when pack exhausted condition is
detected.
Reserved
0x14
0x15
0
0
Reserved
0x16
0x17
0
0
Should be programmed to zero .
Taper current
0x18
0x19
0xF0
00
240mA
The upper limit of charge current for Li-Ion
charge termination.
∆V
POV
0x1a
0x80
128mV
This value sets the voltage range for over voltage
decision (w.r.t. Charge Voltage).
∆V
TAPER
0x1b
0xff
255mV
This value sets the voltage range for current
taper decision (w.r.t. Charge Voltage)
∆V
PCC
0x1c
0xff
255mV
Voltage range (from Charge Voltage) for
Constant Voltage charge. (This value also used
as the pack voltage range for charge resume
after fully charged)
Full-charge
percentage
0x1d
0x62
98%
The ratio of the full charge capacity in RM when
the SS4002AG determines a full-charge
termination. If RM is below this value, RM is set
to this value. If RM is above this value, the RM is
not adjusted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com