Electronic Components Datasheet Search
  English  ▼

X  

SS4002AG Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # SS4002AG
Description  Smart Li-Ion Battery Gas Gauge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS4002AG Datasheet(HTML) 8 Page - Silicon Standard Corp.

Back Button SS4002AG Datasheet HTML 4Page - Silicon Standard Corp. SS4002AG Datasheet HTML 5Page - Silicon Standard Corp. SS4002AG Datasheet HTML 6Page - Silicon Standard Corp. SS4002AG Datasheet HTML 7Page - Silicon Standard Corp. SS4002AG Datasheet HTML 8Page - Silicon Standard Corp. SS4002AG Datasheet HTML 9Page - Silicon Standard Corp. SS4002AG Datasheet HTML 10Page - Silicon Standard Corp. SS4002AG Datasheet HTML 11Page - Silicon Standard Corp. SS4002AG Datasheet HTML 12Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.SiliconStandard.com
8 of 23
SS4002AG
12/16/2005 Rev.3.01
Table 1. Host-to-SS4002AG Commands
Function
Code
Access
Units
Initial value
Note
ManufacturerAccess
0x00
read/write
RemainingCapacityAlarm
0x01
read/write
mAh
E
2
RemainingTimeAlarm
0x02
read/write
minutes
E
2
BatteryMode
0x03
read/write
bit flags
AtRate
0x04
read/write
mA
AtRateTimeToFull
0x05
read
minutes
AtRateTimeToEmpty
0x06
read
minutes
AtRateOK
0x07
read
Boolean
Temperature
0x08
read
0.1
°K
2980
Voltage
0x09
read
mV
0
Current
0x0a
read
mA
0
AverageCurrent
0x0b
read
mA
0
MaxError
0x0c
read
percent
0
RelativeStateOfCharge
0x0d
read
percent
AbsoluteStateOfCharge
0x0e
read
percent
RemainingCapacity
0x0f
read
mAh
E
2
FullCahrgeCapacity
0x10
read
mAh
E
2
RunTimeToEmpty
0x11
read
minutes
AverageTimeToEmpty
0x12
read
minutes
AverageTimeToFull
0x13
read
minutes
ChargingCurrent
0x14
read
mA
E
2
ChargingVoltage
0x15
read
mV
E
2
BatteryStatus
0x16
read
bit flags
CycleCount
0x17
read
cycle
E
2
DesignCapacity
0x18
read
mAh
E
2
DesignVoltage
0x19
read
mV
E
2
SpecificationInfo
0x1a
read
E
2
ManufactureDate
0x1b
read
E
2
SerialNumber
0x1c
read
integer
E
2
Reserved
0x1d-0x1f
ManufactureName
0x20
read
string
E
2
DeviceName
0x21
read
string
E
2
DeviceChemstry
0x22
read
string
E
2
ManufacturerData
0x23
read
bit flags
E
2
PackConfigure/Status
0x2f
read
bit flags
E
2
Note 1
Reserved
0x30~0x3b
VCELL4
0x3c
read
mV
Note 1
VCELL3
0x3d
read
mV
Note 1
VCELL2
0x3e
read
mV
Note 1
VCELL1
0x3f
read
mV
Note 1
Reserved
0x40~0xef
Download EEPROM
0xf0
write
Note 2
Reserved
0xf1-0xf4
Reset SS4002A
0xf5
command
Note 2
Reserved
0xf6-0xff
Note1: Optional manufacturer function
Note2: Not SBD standard function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com