Electronic Components Datasheet Search
  English  ▼

X  

SS4003 Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS4003
Description  Smart Battery Power Management
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS4003 Datasheet(HTML) 7 Page - Silicon Standard Corp.

Back Button SS4003 Datasheet HTML 2Page - Silicon Standard Corp. SS4003 Datasheet HTML 3Page - Silicon Standard Corp. SS4003 Datasheet HTML 4Page - Silicon Standard Corp. SS4003 Datasheet HTML 5Page - Silicon Standard Corp. SS4003 Datasheet HTML 6Page - Silicon Standard Corp. SS4003 Datasheet HTML 7Page - Silicon Standard Corp. SS4003 Datasheet HTML 8Page - Silicon Standard Corp. SS4003 Datasheet HTML 9Page - Silicon Standard Corp. SS4003 Datasheet HTML 10Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.SiliconStandard.com
7 of 10
SS4003
2/01/2005 Rev.1.01
ABSOLUTE MAXIMUM RATINGS
Power Supply Voltage……….Vss-0.3V to Vss+6.0V
Storage Temperature………..-50? to 125?
Input Voltage………………….Vss-0.3V to VDD+0.3V
Operating Temperature……...-40? to 85?
D.C. Characteristic
Ta=25?
Test Conditions
Symbol
Parameter
VDD
Conditions
Unit
VDD
Operating Voltage
-
f SYS =4MHz
4.75
5
5.25
V
IDD1
Operating Current (Crystal OSC)
5V
No load, f SYS =4MHz
ADC disable
-
2
4
mA
IDD2
Operating Current (RC OSC)]
5V
No load, f SYS =4MHz
ADC disable
-
2.5
4
mA
ISTB1
Standby Current (WDT Enabled)
5V
-
-
-
10
µA
VIL1
Input Low Voltage for I/O Ports,
-
-
0
-
0.3VDD
V
VIH1
Input High Voltage for I/O Ports,
-
-
0.7V DD
-
VDD
V
VIL2
Input Low Voltage ( RES)
-
-
0
-
0.4V DD
V
VIH2
Input High Voltage (RES)
-
-
0.9V DD
-
VDD
V
VLVR
Low Voltage Reset
-
-
2.7
3
3.3
V
IOL
I/O Port Sink Current
5V
VOL=0.1VDD
10
20
-
mA
IOH
I/O Port Source Current
5V
VOL=0.9VDD
-5
-10
-
mA
VAD
A/D Input Voltage
-
-
0
?
VDD
V
EAD
A/D Conversion Error
-
-
-
±0.5
±1
LSB
IADC
Additional Power Consumption if
A/D Converter is Used
5V
-
-
1.5
3
mA
A.C. Characteristics
Ta=25?
Test Conditions
Symbol
Parameter
Conditions
Min.
Typ.
Unit
fSYS
System Clock
-
5V
-
4000
-
kHz
tWDTOSC
Oscillator Period
5V
-
32
65
130
µs
tRES
External Reset Low Pulse Width
-
-
1
-
-
µs
tSST
System Start-up Timer Period
-
Wake-up from HALT
-
1024
?
*t SYS
tINT
Interrupt Pulse Width
-
-
1
-
-
µs
Max.
VDD
Max.
Typ.
Min.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com