Electronic Components Datasheet Search
  English  ▼

X  

SS4003 Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # SS4003
Description  Smart Battery Power Management
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS4003 Datasheet(HTML) 8 Page - Silicon Standard Corp.

Back Button SS4003 Datasheet HTML 2Page - Silicon Standard Corp. SS4003 Datasheet HTML 3Page - Silicon Standard Corp. SS4003 Datasheet HTML 4Page - Silicon Standard Corp. SS4003 Datasheet HTML 5Page - Silicon Standard Corp. SS4003 Datasheet HTML 6Page - Silicon Standard Corp. SS4003 Datasheet HTML 7Page - Silicon Standard Corp. SS4003 Datasheet HTML 8Page - Silicon Standard Corp. SS4003 Datasheet HTML 9Page - Silicon Standard Corp. SS4003 Datasheet HTML 10Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.SiliconStandard.com
8 of 10
SS4003
2/01/2005 Rev.1.01
Operating frequency:
4 MHz (OSC1 PIN take 82K resistance to Vss, 470pF capacitance to Vdd, as Application circuit1)
Application circuit 2 :
R16
10K
V+
D2
SKS30-04AT
VB+
R34
3k
VDD
R26
56K/1%
R27
56K/1%
R28
470K
R29
470K
1
B
E
C
Q2
MMBT2222A
1
B
E
C
Q3
MMBT2222A
1
Q8
1
Q7
VB+
VB+
3
2
AOD403
D1
SKS30-04AT
C12
0.1u/16V
V+
R3
100K
R4
27K
V+
C15
22u/16V
CHG(R)
FCHG(G)
R13
100K
VB+
VB+
1
2
3
J1
DC JACK
ADIN+
TP5
1
TP4
TP7
TP8
TP9
S1
SW-SPST
R15
10K
R36
10K
R40
160R
R39
160R
D6
1N4148
D7
1N4148
V+
V+
OUT1
1
IN1-
2
IN1+
3
GND
4
IN2+
5
IN2-
6
OUT2
7
VCC
8
U2
LM358
VDD
R11
33K/1%
R12
4.75K/1%
R19
100K/1%
R18
470R
C11
1nF/16V
C2
0.1u/16V
R1
330K/1%
R22
470K/1%
R20
470K/1%
TP1
R31
0.05R/1%/2W
C14
0.1u/16V
R48
10K/OPEN
R52
10K/OPEN
VDD
R49
10K/OPEN
R53
10K/OPEN
VDD
R42
4.7K
R46
4.7K
R45
4.7K
R43 4.7K
R44
4.7K
1
2
D9
LED
1
2
D10
LED
1
2
D11
LED
1
2
D12
LED
1
2
D8
LED
VDD
C9
0.01u/16V
C6
0.1u/16V
C7
0.1u/16V
R7
100K
R30
10K
VDD
R5
100K
1
B
E
C Q5
MMBT2222A
VDD
R47
82K
C8
470pF/16V
VDD
R41
100K
R24
27K
TP14
TP11
TP13
TP12
TP17
TP18
R14
33K/1%
R32
4.7K
R17
100K/1%
C19
47nF
C18
3.3nF
R25
120K/1%
OUT1
1
IN1-
2
IN1+
3
GND
4
IN2+
5
IN2-
6
OUT2
7
VCC
8
U4
LM358
1
2
CON1
CON1
C23
1u
LED3
1
LED2
2
PDC
3
Batt_Low
4
CLED
5
CFLED
6
LED1
7
I
8
V2
9
V1
10
VSS
11
ADJ1
12
ADJ2
13
CCTL
14
RES
15
VDD
16
OSC1
17
OSC2
18
S1
19
S2
20
DispSel
21
ExtPwr
22
LED5
23
LED4
24
U1
SS4003
C1
4.7u/16V
3
1
V
V
GND
IN
OUT
Q10
C20
1u
R2
100K
R6
1M/OPEN
1
S
G
D
Q4
C13
4.7u/16V
VB+
VM
VB-
VB-
TP3
TP2
TP10
F1
FUSE
U7
R21
1K/5%
R8
4.7M/5%
R35
1K
C3
0.1u/16V
C5
0.22u/16V
C4
0.22u/16V
R38
1K/5%
R37
1K/5%
SENS
1
DO
2
CO
3
VM
4
VSS
5
ICT
6
VC
7
VCC
8
U3
S-8232AUFT
Rsens
1
TP15
1
TP16
R9
160R
R10
160R
VM
1
2
D4
LED-R
1
2
D3
LED-G
R50
1M
1
B
E
C
Q1
MMBT2222A
1
B
E
C
Q6
MMBT2222A
VB+
VB-
R23
10K
R33
100K
BattLow
BattLow
BattLow
BattLow
TP6
PDC
PDC
LED
Display
LED1 ~
LED5
fsys / 4
OSC2
SS4003
Application Circuit 1 :
VDD
OSC1
470 pF
82KO
VDD
100KO
10KO
0.1uF
RES
0.01uF
0.1uF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com