Electronic Components Datasheet Search
  English  ▼

X  

SS4003 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS4003
Description  Smart Battery Power Management
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS4003 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS4003 Datasheet HTML 1Page - Silicon Standard Corp. SS4003 Datasheet HTML 2Page - Silicon Standard Corp. SS4003 Datasheet HTML 3Page - Silicon Standard Corp. SS4003 Datasheet HTML 4Page - Silicon Standard Corp. SS4003 Datasheet HTML 5Page - Silicon Standard Corp. SS4003 Datasheet HTML 6Page - Silicon Standard Corp. SS4003 Datasheet HTML 7Page - Silicon Standard Corp. SS4003 Datasheet HTML 8Page - Silicon Standard Corp. SS4003 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.SiliconStandard.com
1 of 10
SS4003
2/01/2005 Rev.1.01
Smart Battery Power Management
FEATURES
Single-chip battery charger controller and gas gauge.
Provides cell balance control output for charge control.
Drives 5-segment LED display for remaining capacity indication.
User-selectable charge-control data sets.
Output for charging indicator
Maximum voltage charge control for Individual cells.
Provides secondary cell protection functions.
APPLICATIONS
Portable DVD Player and Computers.
2-Cell Battery Packs or Backup Devices.
PACKAGE OUTLINE
24 Pin SOP or SSOP package.
GENERAL DESCRIPTION
The SS4003 Charger and Gas Gauge combo IC for battery pack or in-system installation provides an
accurate charge control and maintains an accurate record of available charge in rechargeable batteries.
The SS4003 is dedicated for Li-Ion chemistries, and monitors capacity and other critical parameters.
The SS4003 uses an A-to-D converter for voltage and current measurement. The cumulative
charge into (or discharge from) the battery is continuously calculated. The on-chip ADC also monitors
individual cell voltage in the battery pack and allows the SS4003 to generate charge control signals
to charge the pack safely. The SS4003 provides outputs to drive LEDs to depict remaining battery
capacity from full to empty with a 5-segment display. The SS4003 uses the pre-defined self-discharge
rate and other compensation factors stored in the ROM to accurately adjust remaining capacity for use
and standby conditions based on time. The SS4003 also automatically calibrates or learns the true
battery capacity in the course of a discharge cycle from near full to near empty level.


Similar Part No. - SS4003

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
Interactive Catalog Replaces Catalog Pages
logo
Goodwork Semiconductor ...
SS4001 GWSEMI-SS4001 Datasheet
66Kb / 2P
1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
Smart Li-Ion Battery Gas Gauge
SS4005G SSC-SS4005G Datasheet
891Kb / 22P
Smart Battery Gas Gauge for e-Bike
logo
Goodwork Semiconductor ...
SS4007 GWSEMI-SS4007 Datasheet
66Kb / 2P
1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
More results

Similar Description - SS4003

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1260 DALLAS-DS1260 Datasheet
273Kb / 8P
Smart Battery
logo
List of Unclassifed Man...
SPT-90 ETC2-SPT-90 Datasheet
223Kb / 10P
Energy Management Modular Smart Power Transducer
WM3-96 ETC2-WM3-96 Datasheet
317Kb / 13P
Energy Management Modular Smart Power Quality Analyzer
logo
Analog Devices
ZSPM4121 AD-ZSPM4121 Datasheet
950Kb / 17P
Under-Voltage Load Switch for Smart Battery Management
logo
Texas Instruments
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
POWER AND BATTERY MANAGEMENT IC
logo
International Rectifier
IRFB3407ZPBF IRF-IRFB3407ZPBF_15 Datasheet
249Kb / 8P
Battery Management
logo
Texas Instruments
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
Power- and Battery-Management IC
logo
Carlo Gavazzi Holding A...
WM30 CARLOGAVAZZI-WM30 Datasheet
1Mb / 20P
Energy Management Smart Modular Power Analyzer
logo
Ultralife Corporation.
URS0010 ULTRALIFE-URS0010 Datasheet
776Kb / 3P
Battery Management Power System
Rev: B
logo
Renesas Technology Corp
ZSPM4121 RENESAS-ZSPM4121 Datasheet
577Kb / 17P
Under-Voltage Load Switch for Smart Battery Management
January 29, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com