Electronic Components Datasheet Search
  English  ▼

X  

SS4035G Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS4035G
Description  Two-Cell Li-Ion and Li-Polymer Charge Management IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS4035G Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS4035G Datasheet HTML 1Page - Silicon Standard Corp. SS4035G Datasheet HTML 2Page - Silicon Standard Corp. SS4035G Datasheet HTML 3Page - Silicon Standard Corp. SS4035G Datasheet HTML 4Page - Silicon Standard Corp. SS4035G Datasheet HTML 5Page - Silicon Standard Corp. SS4035G Datasheet HTML 6Page - Silicon Standard Corp. SS4035G Datasheet HTML 7Page - Silicon Standard Corp. SS4035G Datasheet HTML 8Page - Silicon Standard Corp. SS4035G Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.SiliconStandard.com
4 of 11
SS4035G
1/09/2006 Rev.3.01
ELECTRICAL CHARACTERISTICS (continued)
VDD = 5V, GND = 0V, TA = 25°C, fosc = 8MHz, Rsens=100mΩ, unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max
Unit
Description
Voltage Control
Pre-charge Threshold
Vlow
-
3.10
-
V
CC/CV Threshold
Vcv
-
4.135
-
V
Switch to CV mode above
this value
Maximum Cell Voltage
Vmax
-
4.235
-
V
Balancing Threshold
Vbal
-
4.135
-
V
Bad Battery Threshold
Vbad
-
0.5
-
V
Difference between Cell1 and
Cell 2 voltage
Temperature Sensing
Min Temp Threshold
Vtun
-
4.31
-
V
Suspend charging if greater
than
this value
Low Temp Threshold
VTlow
-
3.82
-
V
Precharge if greater than this
value
High Temp Threshold
VThigh
-
1.90
-
V
Decrease current if less than
this value
MaxTemp Threshold
VTover
-
1.54
-
V
Suspend c
harging if less than
this value
Resume Temp Threshold
VTrsm
-
2.10
-
V
After maximum temperature is
reached, resume charging if
greater than this value.
Current Control
Precharge Current
Ipre
-
300
-
mA
Taper Current
Itaper
-
250
-
mA
Fully charged
if the taper
current is
below this value.
Time Control
Maximum Charge Time
Tchg
340
Min



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com