Electronic Components Datasheet Search
  English  ▼

X  

SS4035G Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS4035G
Description  Two-Cell Li-Ion and Li-Polymer Charge Management IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS4035G Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS4035G Datasheet HTML 1Page - Silicon Standard Corp. SS4035G Datasheet HTML 2Page - Silicon Standard Corp. SS4035G Datasheet HTML 3Page - Silicon Standard Corp. SS4035G Datasheet HTML 4Page - Silicon Standard Corp. SS4035G Datasheet HTML 5Page - Silicon Standard Corp. SS4035G Datasheet HTML 6Page - Silicon Standard Corp. SS4035G Datasheet HTML 7Page - Silicon Standard Corp. SS4035G Datasheet HTML 8Page - Silicon Standard Corp. SS4035G Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.SiliconStandard.com
1 of 11
SS4035G
1/09/2006 Rev.3.01
Two-Cell Li-Ion and Li-Polymer Charge Management IC
Charge management for two-cell Li-Ion or Li-Polymer battery packs
Individual cell monitoring - avoids over-charging
Pin-selectable charging current
PRODUCT SUMMARY
FEATURES
Cell-balancing control circuit - maximizes pack useful life
Optional external thermistor monitors the pack temperature
Conditioning charging for reviving deeply discharged cells
Timer function available to limit the charging time
Pb-free, RoHS compliant SO-20 package
The SS4035G is a charging control IC designed
for battery packs with two cells in series. When
multiple cells in a battery pack are connected in
series, the weakest cell determines the overall
pack capacity. The SS4035G has a cell-balance
control circuit to solve this problem, and monitors
the voltage of each cell to ensure that no cell is
over-charged. The pulse width modulation (PWM)
output can be used as either a linear or switching
charge-control circuit. Three digital input pins
determine the charge current. All these features
make the charging circuit design easy and flexible.
The SS4035G continuously monitors each cell
voltage, cell current and the battery temperature.
Any unspecified condition will stop the charging
to protect the battery cells. An external negative-
temperature-coefficient thermistor is used as a
sensor to monitor the battery pack temperature.
To be safe, charging is suspended if the voltage
of the temperature sense input pin is higher than
Min Temp Threshold (VTmin) or lower than Max
Temp Threshold (VTmax). When the battery
temperature is within the safe zone, the SS4035G
charges the battery in three phases: pre-charging,
constant-current, or constant-voltage. If the
voltage of the temperature sense input pin is higher
than Low Temp Threshold (Vtlow), or the battery
voltage is less than 3.1V, the SS4035G pre-charges
the battery with a low current.
After the precharging, the SS4035G applies a
constant current to the battery. The value of this
constant current is determined by the levels of
pins S1, S2 and S3 during power up. When
the battery voltage is above the threshold,
the SS4035G begins constant-voltage charging
until the battery is fully charged. The battery is
fully charged when the current drops down to
the termination threshold.
When the cell voltage is higher than the Balancing
Threshold (Vbal), the cell balancing circuit is
triggered if one cell voltage is higher than the
other by more than 0.02V.
DESCRIPTION


Similar Part No. - SS4035G

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
Two-Cell Li-Ion and Li-Polymer Charge Management IC
More results

Similar Description - SS4035G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24004 TI-BQ24004 Datasheet
174Kb / 22P
TWO-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
logo
Microchip Technology
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
logo
Silicon Standard Corp.
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
Two-Cell Li-Ion and Li-Polymer Charge Management IC
logo
Texas Instruments
BQ24004 TI1-BQ24004_12 Datasheet
1,014Kb / 27P
TWO-CELL Li-ION CHARGE MANAGEMENT IC
logo
Microchip Technology
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
logo
Texas Instruments
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24100 TI1-BQ24100 Datasheet
1Mb / 45P
Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
logo
Microchip Technology
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com