Electronic Components Datasheet Search
  English  ▼

X  

SS4035G Datasheet(PDF) 9 Page - Silicon Standard Corp.

Part # SS4035G
Description  Two-Cell Li-Ion and Li-Polymer Charge Management IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS4035G Datasheet(HTML) 9 Page - Silicon Standard Corp.

Back Button SS4035G Datasheet HTML 3Page - Silicon Standard Corp. SS4035G Datasheet HTML 4Page - Silicon Standard Corp. SS4035G Datasheet HTML 5Page - Silicon Standard Corp. SS4035G Datasheet HTML 6Page - Silicon Standard Corp. SS4035G Datasheet HTML 7Page - Silicon Standard Corp. SS4035G Datasheet HTML 8Page - Silicon Standard Corp. SS4035G Datasheet HTML 9Page - Silicon Standard Corp. SS4035G Datasheet HTML 10Page - Silicon Standard Corp. SS4035G Datasheet HTML 11Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.SiliconStandard.com
9 of 11
SS4035G
1/09/2006 Rev.3.01
S3
S2
S1
Isense Voltage
L
L
L
240
mV
L
L
H
200
mV
L
H
L
160
mV
L
H
H
120
mV
H
L
L
40
mV
H
L
H
60
mV
H
H
L
80
mV
H
H
H
100
mV
RES (7) is the reset control. A low voltage on this pin will reset the device. Connect to VDD if not used.
ROSC (14) is the frequency control input. For the SS4053G to work at 8MHz, this pin must be connected
to VDD through an 8.6kΩ resistor.
CLED (1) is the "charging" indication output. This pin goes low when the SS4035G is operating.
CFLED (2) is the "fully charged" indication output. This pin goes low when the battery is fully charged.
Table 1. Current Selection Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com