Electronic Components Datasheet Search
  English  ▼

X  

SS6084 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6084
Description  5A Low-dropout Positive Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6084 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6084 Datasheet HTML 1Page - Silicon Standard Corp. SS6084 Datasheet HTML 2Page - Silicon Standard Corp. SS6084 Datasheet HTML 3Page - Silicon Standard Corp. SS6084 Datasheet HTML 4Page - Silicon Standard Corp. SS6084 Datasheet HTML 5Page - Silicon Standard Corp. SS6084 Datasheet HTML 6Page - Silicon Standard Corp. SS6084 Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.SiliconStandard.com
3 of 7
SS6084
Rev.2.02 4/06/2004
TEST CIRCUIT
Refer to TYPICAL APPLICATION CIRCUIT.
ELECTRICAL CHARACTERISTICS
(VIN=5V, TJ=25°C, IO=10mA, unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Reference Voltage
SS6084 (ADJ)
TJ=25°C
1.238
1.25
1.262
V
Output Voltage
SS6084-15, VIN=5V
SS6084-18, VIN=5V
SS6084-25, VIN=5V
SS6084-33, VIN=5V
1.48
1.78
2.47
3.26
1.50
1.80
2.50
3.30
1.52
1.82
2.53
3.34
V
ADJ : 2.65V
≤ VIN ≤7V
VOUT=1.25V
Line Regulation
Fix : VOUT+1.4V≤ VIN ≤7V
TJ=25°C
0.015
0.2
%
Load Regulation
10mA < IO < 5A
TJ=25°C
0.6
%
Dropout Voltage
∆VOUT, ∆VREF=1%
10mA
≤ IO ≤ 5A
0
°C ≤TJ ≤125°C
1.3
1.4
V
Current Limit
0
°C ≤ TJ ≤125°C
5
6
A
Adjusted Pin Current
2.65V
≤ VIN ≤ 7V
55
120
µA
Adjusted Pin Current Change
(
∆I
ADJ)
2.65V
≤ VIN ≤ 7V
0
°C ≤TJ≤125°C
0.2
5
µA
Temperature Stability
IO=0.5A
0
°C ≤TJ≤125°C
0.5
%
Minimum Load Current
0
°C ≤TJ ≤125°C
5
10
mA
RMS Output Noise (% of VOUT)
10Hz
≤ f ≤ 10KHz
0.003
%
Ripple Rejection Ratio
120Hz input ripple
COUT=25µF
(VIN -VOUT)=3V
60
72
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com