Electronic Components Datasheet Search
  English  ▼

X  

SS6084 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6084
Description  5A Low-dropout Positive Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6084 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6084 Datasheet HTML 1Page - Silicon Standard Corp. SS6084 Datasheet HTML 2Page - Silicon Standard Corp. SS6084 Datasheet HTML 3Page - Silicon Standard Corp. SS6084 Datasheet HTML 4Page - Silicon Standard Corp. SS6084 Datasheet HTML 5Page - Silicon Standard Corp. SS6084 Datasheet HTML 6Page - Silicon Standard Corp. SS6084 Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.SiliconStandard.com
1 of 7
SS6084
Rev.2.02 4/06/2004
FEATURES
Dropout voltage 1.3V at 5A output current.
Fast transient response.
Extremely tight line and load regulation.
Current limiting and thermal protection.
Adjustable output voltage or fixed at 1.5V,
1.8V, 2.5V, 3.3V.
Standard 3-pin power packages.
APPLICATIONS
Motherboard I/O Power Supplies.
Microprocessor Power Supplies.
High-Current Regulators.
Post-regulator for Switching Supplies.
DESCRIPTION
The SS6084 is a low-dropout three-terminal linear
regulator with 5A output current capability. The
output voltage is adjustable with a resistor divider or
fixed at 1.5V, 1.8V, 2.5V or 3.3V. Dropout voltage is
guaranteed to be a maximum of 1.4V at the
maximum output current. This low dropout voltage
and fast transient response make the SS6084 ideal
for low-voltage microprocessor applications. Current
and
thermal
limiting
provide
protection
against
overload conditions that would create excessive
junction temperatures.
TYPICAL APPLICATION CIRCUIT
C2
10
µF
VOUT
3.3V
VIN
5V
+
+
VREF
RF2
205
Ω
1%
ADJ
SS6084
C1
10
µF
2
3
1
RF1
125
Ω
1%
VREF=VOUT -VADJ=1.25V (typ.)
VOUT=V REF x (1+RF2/RF1)+ IADJ x RF2
IADJ=55µA (typ.)
(1) C1 is needed if the device is
physically far from the filter
capacitors.
(2) C2 is required for stability.
Adjustable Voltage Regulator
C2
10
µF
VOUT
3.3V
VIN
5V
+
+
GND
C1
10
µF
SS6084-33
2
1
3
Fixed Voltage Regulator
5A Low-dropout Positive Linear Regulator


Similar Part No. - SS6084

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6085 SSC-SS6085 Datasheet
480Kb / 6P
3A Low Dropout Positive Regulator
SS6085-15CETB SSC-SS6085-15CETB Datasheet
480Kb / 6P
3A Low Dropout Positive Regulator
SS6085-15CETR SSC-SS6085-15CETR Datasheet
480Kb / 6P
3A Low Dropout Positive Regulator
SS6085-15CMTB SSC-SS6085-15CMTB Datasheet
480Kb / 6P
3A Low Dropout Positive Regulator
SS6085-15CMTR SSC-SS6085-15CMTR Datasheet
480Kb / 6P
3A Low Dropout Positive Regulator
More results

Similar Description - SS6084

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
5A LOW DROPOUT LINEAR REGULATOR
logo
IK Semicon Co., Ltd
IL1084-XX IKSEMICON-IL1084-XX Datasheet
459Kb / 15P
5A LOW DROPOUT POSITIVE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM1084 TGS-LM1084 Datasheet
2Mb / 1P
5A LOW DROPOUT POSITIVE REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
5A Low-Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
5A Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084_15 Datasheet
179Kb / 9P
5A Low Dropout Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com