Electronic Components Datasheet Search
  English  ▼

X  

SS6084 Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6084
Description  5A Low-dropout Positive Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6084 Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6084 Datasheet HTML 1Page - Silicon Standard Corp. SS6084 Datasheet HTML 2Page - Silicon Standard Corp. SS6084 Datasheet HTML 3Page - Silicon Standard Corp. SS6084 Datasheet HTML 4Page - Silicon Standard Corp. SS6084 Datasheet HTML 5Page - Silicon Standard Corp. SS6084 Datasheet HTML 6Page - Silicon Standard Corp. SS6084 Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.SiliconStandard.com
4 of 7
SS6084
Rev.2.02 4/06/2004
BLOCK DIAGRAM
VIN
55
µA
ADJ
VREF
1.25V
-
+
GM
+
Thermal
Limit
Current Amp.
VOUT
GND
For fixed voltage
device
Current
Limit
PIN DESCRIPTIONS
ADJ PIN
-
Providing VREF=1.25V (typ.) for adjustable VOUT. VREF =VOUT-VADJ and IADJ=55µA (typ.)
GND PIN- Power ground.
VOUT PIN -
Adjustable output voltage.
VIN PIN
-
Power Input.
TYPICAL PERFORMANCE CHARACTERISTICS
Fig. 1
Load Transient Response
Time (µS)
0
20
40
60
80
100
0.1A
2.5A
-0.4
-0.2
0
0.2
0.4
VIN=5.0V
CIN=1µF(Tantalum)
COUT=10µF(Tantalum)
VOUT=3.3V
Fig. 2
Line Transient Response
Time (µS)
0
40
80
120
160
200
6.0
7.0
-100
-50
0
50
CIN=1µF (Tantalum)
COUT=10µF (Tantalum)
VOUT=3.3V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com