Electronic Components Datasheet Search
  English  ▼

X  

X25097PI Datasheet(PDF) 9 Page - Xicor Inc.

Part # X25097PI
Description  5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25097PI Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X25097PI Datasheet HTML 5Page - Xicor Inc. X25097PI Datasheet HTML 6Page - Xicor Inc. X25097PI Datasheet HTML 7Page - Xicor Inc. X25097PI Datasheet HTML 8Page - Xicor Inc. X25097PI Datasheet HTML 9Page - Xicor Inc. X25097PI Datasheet HTML 10Page - Xicor Inc. X25097PI Datasheet HTML 11Page - Xicor Inc. X25097PI Datasheet HTML 12Page - Xicor Inc. X25097PI Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
X25097
9
A.C. CHARACTERISTICS (Over the recommended operating conditions, unless otherwise specified.)
Data Input Timing
7038 FRM T10
Notes: (3) This parameter is periodically sampled and not 100% tested.
(4) tWC is the time from the rising edge of CS after a valid write sequence has been sent to the end of the self-timed internal nonvolatile
write cycle.
Symbol
Parameter
Voltage
Min.
Max.
Units
fSCK
Clock Frequency
2.7V–5.5V
1.8V–3.6V
0
5
3.3
MHz
tCYC
Cycle Time
2.7V–5.5V
1.8V–3.6V
200
300
ns
tLEAD
CS Lead Time
2.7V–5.5V
1.8V–3.6V
100
150
ns
tLAG
CS Lag Time
2.7V–5.5V
1.8V–3.6V
100
150
ns
tWH
Clock HIGH Time
2.7V–5.5V
1.8V–3.6V
80
130
ns
tWL
Clock LOW Time
2.7V–5.5V
1.8V–3.6V
80
130
ns
tSU
Data Setup Time
20
ns
tH
Data Hold Time
20
ns
tRI
(3)
Data In Rise Time
2
µs
tFI
(3)
Data In Fall Time
2
µs
tCS
CS Deselect Time
100
ns
tWC
(4)
Write Cycle Time
10
ms
A.C. TEST CONDITIONS
7038 FRM T09
Input Pulse Levels
VCC x 0.1 to
VCC x 0.9
Input Rise and Fall
Times
10ns
Input and Output
Timing Level
VCC X 0.5
EQUIVALENT A.C. LOAD CIRCUIT
OUTPUT
5V
2061
Ω
3025
Ω
30pF
OUTPUT
3.3V
2696
Ω
5288
Ω
30pF
OUTPUT
2V
2800
Ω
5600
Ω
30pF
7005 FRM F09.1
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5.0V.
7038 FRM T08
Notes: (3) This parameter is periodically sampled and not 100% tested.
Symbol
Parameter
Max.
Units
Conditions
COUT
(3)
Output Capacitance (SO)
8
pF
VOUT = 0V
CIN
(3)
Input Capacitance (SCK, SI, CS, WP)
6
pF
VIN = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com