Electronic Components Datasheet Search
  English  ▼

X  

X25097PI Datasheet(PDF) 10 Page - Xicor Inc.

Part # X25097PI
Description  5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25097PI Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X25097PI Datasheet HTML 6Page - Xicor Inc. X25097PI Datasheet HTML 7Page - Xicor Inc. X25097PI Datasheet HTML 8Page - Xicor Inc. X25097PI Datasheet HTML 9Page - Xicor Inc. X25097PI Datasheet HTML 10Page - Xicor Inc. X25097PI Datasheet HTML 11Page - Xicor Inc. X25097PI Datasheet HTML 12Page - Xicor Inc. X25097PI Datasheet HTML 13Page - Xicor Inc. X25097PI Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
X25097
10
Data Output Timing
7038 FRM T11
Notes: (5) tWC is the time from the rising edge of CS after a valid write sequence has been sent to the end of the self-timed internal nonvolatile
write cycle.
Figure 8. Serial Output Timing
SYMBOL TABLE
Symbol
Parameter
Voltage
Min.
Max.
Units
fSCK
Clock Frequency
2.7V–5.5V
1.8V–3.6V
0
5
3.3
MHz
tDIS
Output Disable Time
2.7V–5.5V
1.8V–3.6V
100
150
ns
tV
Output Valid from Clock LOW
2.7V–5.5V
1.8V–3.6V
80
130
ns
tHO
Output Hold Time
0
ns
tRO
(5)
Output Rise Time
50
ns
tFO
(5)
Output Fall Time
50
ns
SCK
CS
SO
SI
MSB OUT
MSB–1 OUT
LSB OUT
ADDR
LSB IN
t
CYC
t
V
t
HO
t
WL
t
WH
t
DIS
7038 FRM F10
t
LAG
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com