Electronic Components Datasheet Search
  English  ▼

X  

X25097PI Datasheet(PDF) 12 Page - Xicor Inc.

Part # X25097PI
Description  5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25097PI Datasheet(HTML) 12 Page - Xicor Inc.

Back Button X25097PI Datasheet HTML 7Page - Xicor Inc. X25097PI Datasheet HTML 8Page - Xicor Inc. X25097PI Datasheet HTML 9Page - Xicor Inc. X25097PI Datasheet HTML 10Page - Xicor Inc. X25097PI Datasheet HTML 11Page - Xicor Inc. X25097PI Datasheet HTML 12Page - Xicor Inc. X25097PI Datasheet HTML 13Page - Xicor Inc. X25097PI Datasheet HTML 14Page - Xicor Inc. X25097PI Datasheet HTML 15Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
X25097
12
PACKAGING INFORMATION
NOTE:
ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
8-LEAD PLASTIC, TSSOP, PACKAGE TYPE V
See Detail “A”
.031 (.80)
.041 (1.05)
.169 (4.3)
.177 (4.5)
.252 (6.4) BSC
.025 (.65) BSC
.114 (2.9)
.122 (3.1)
.002 (.05)
.006 (.15)
.047 (1.20)
.0075 (.19)
.0118 (.30)
0
° – 8°
.010 (.25)
.019 (.50)
.029 (.75)
Gage Plane
Seating Plane
Detail A (20X)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com