Electronic Components Datasheet Search
  English  ▼

X  

SS6732 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6732
Description  300mA Low Dropout Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6732 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6732 Datasheet HTML 1Page - Silicon Standard Corp. SS6732 Datasheet HTML 2Page - Silicon Standard Corp. SS6732 Datasheet HTML 3Page - Silicon Standard Corp. SS6732 Datasheet HTML 4Page - Silicon Standard Corp. SS6732 Datasheet HTML 5Page - Silicon Standard Corp. SS6732 Datasheet HTML 6Page - Silicon Standard Corp. SS6732 Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.SiliconStandard.com
3 of 7
SS6732
n ELECTRICAL CHARACTERISTICS (T
J=25°C, CIN=1µF, COUT=10µF, unless
otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
SS6732-52
SS6732-50
SS6732-38
SS6732-37
SS6732-36
SS6732-35
SS6732-34
SS6732-33
VIN=5.5~12V, IOUT=0mA
VIN=5.5~12V, IOUT=0mA
V
IN=4.1~12V , I
OU T=0mA
VIN=4.0~12V, IOUT=0mA
VIN=4.0~12V, IOUT=0mA
VIN=4.0~12V, IOUT=0mA
VIN=4.0~12V, IOUT=0mA
VIN=3.6~12V, IOUT=0mA
5.100
4.900
3.725
3.625
3.528
3.430
3.332
3.235
5.2
5.0
3.8
3.7
3.6
3.5
3.4
3.3
5.300
5.100
3.875
3.775
3.672
3.570
3.468
3.365
V
Output Voltage Temp.
Coefficiency
(Note 1)
50
150
PPM/
°C
Line Regulation
IOUT=1mA
SS6732-52
SS6732-50
SS6732-38
SS6732-37
SS6732-36
SS6732-35
SS6732-34
SS6732-33
VIN=5.5~12V
VIN=5.5~12V
V
IN=4.1~12V
VIN=4.0~12V
VIN=4.0~12V
VIN=4.0~12V
VIN=4.0~12V
VIN=3.6~12V
5
5
5
5
5
5
5
5
15
15
15
15
15
15
15
15
mV
Load Regulation
(Note 2)
SS6732-52
SS6732-50
SS6732-38
SS6732-37
SS6732-36
SS6732-35
SS6732-34
SS6732-33
VIN=7V, IOUT=0.1~300mA
VIN=7V, IOUT=0.1~300mA
VIN=5V, IOUT=0.1~300mA
VIN=5V, IOUT=0.1~300mA
VIN=5V, IOUT=0.1~300mA
VIN=5V, IOUT=0.1~300mA
VIN=5V, IOUT=0.1~300mA
VIN=5V, IOUT=0.1~300mA
15
15
15
15
15
15
15
15
40
40
40
40
40
40
40
40
mV
Current Limit
(Note 3)
SS6732-52
SS6732-50
SS6732-38
SS6732-37
SS6732-36
SS6732-35
SS6732-34
SS6732-33
VIN=7V, VOUT=0V
VIN=7V, VOUT=0V
VIN=7V, VOUT=0V
VIN=5V, VOUT=0V
VIN=5V, VOUT=0V
VIN=5V, VOUT=0V
VIN=5V, VOUT=0V
VIN=5V, VOUT=0V
300
300
300
300
300
300
300
300
440
440
440
440
440
440
440
440
mA
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com