Electronic Components Datasheet Search
  English  ▼

X  

SS6732 Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6732
Description  300mA Low Dropout Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6732 Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6732 Datasheet HTML 1Page - Silicon Standard Corp. SS6732 Datasheet HTML 2Page - Silicon Standard Corp. SS6732 Datasheet HTML 3Page - Silicon Standard Corp. SS6732 Datasheet HTML 4Page - Silicon Standard Corp. SS6732 Datasheet HTML 5Page - Silicon Standard Corp. SS6732 Datasheet HTML 6Page - Silicon Standard Corp. SS6732 Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.SiliconStandard.com
4 of 7
SS6732
n ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Dropout Voltage
(Note 4)
SS6732-52
SS6732-50
SS6732-38
SS6732-37
SS6732-36
SS6732-35
SS6732-34
SS6732-33
IOUT=300mA
IOUT=300mA
IOUT=300mA
IOUT=300mA
IOUT=300mA
IOUT=300mA
IOUT=300mA
IOUT=300mA
400
400
540
540
540
540
540
540
500
500
640
640
640
640
640
640
mV
Ground Current
IOUT=0.1mA~IMAX
SS6732-52
SS6732-50
SS6732-38
SS6732-37
SS6732-36
SS6732-35
SS6732-34
SS6732-33
V
IN=5.5~12V
V
IN=5.5~12V
V
IN=4~12V
V
IN=4~12V
V
IN=4~12V
V
IN=4~12V
V
IN=4~12V
V
IN=4~12V
55
55
55
55
55
55
55
55
80
80
80
80
80
80
80
80
µA
Note 1:
Guaranteed by design.
Note 2:
Regulation is measured at constant junction temperature, using pulse testing with a low ON time.
Note 3:
Current limit is measured by pulsing a short time.
Note 4:
Dropout voltage is defined as the input to output differential at which the output voltage drops
100mV below the value measured with a 1V differential.
n TYPICAL PERFORMANCE CHARACTERISTICS
Fig. 1
Output Voltage vs. Temperature
Temperature (°C)
0
50
100
96
98
100
103
104
0
-40
125
Fig. 2
Ground Current vs. Input Voltage
Input Voltage (V)
0
10
20
30
40
50
60
0
2
4
6
8
10
12
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com