Electronic Components Datasheet Search
  English  ▼

X  

SS6732 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6732
Description  300mA Low Dropout Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6732 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6732 Datasheet HTML 1Page - Silicon Standard Corp. SS6732 Datasheet HTML 2Page - Silicon Standard Corp. SS6732 Datasheet HTML 3Page - Silicon Standard Corp. SS6732 Datasheet HTML 4Page - Silicon Standard Corp. SS6732 Datasheet HTML 5Page - Silicon Standard Corp. SS6732 Datasheet HTML 6Page - Silicon Standard Corp. SS6732 Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.SiliconStandard.com
1 of 7
SS6732
300mA Low Dropout Linear Regulator
n FEATURES
l
Low dropout voltage of 130mV at 100mA
output current (5.2V output version).
l
Guaranteed 300mA output current.
l
Internal 1.3
Ω P-MOSFET draws no base
current.
l
Low ground current: 55uA.
l
Accuracy of output voltage 2% of 3.3V/ 3.4V/
3.5V/ 3.6V/ 3.7V/ 3.8V/ 5.0V/ 5.2V.
l
Input voltage range up to 12V.
l
Needs only 1
µF for stability.
l
Current limiting and thermal Protection.
n APPLICATIONS
l
Voltage Regulator for CD-ROM Drivers.
l
Voltage Regulator for LAN Cards.
l
Voltage Regulator for Microprocessor.
l
Wireless Communication Systems.
l
Battery Powered Systems.
n DESCRIPTION
Thve SS6732 is a 3-pin low-dropout linear
regulator. The superior characteristics of the
SS6732 include zero base current loss, very
low dropout voltage, and 2% accurate output
voltage.
Typical
ground
current
remains
approximately
55
µA,
under
output
conditions from zero up to the maximum
load. Dropout voltage at 100mA output current
is exceptionally low: 130mV for the SS6732-
50 and -52, 180mV for the SS6732-33, -34,
SS6732-35, -36, -37 and -38.
Current limiting and thermal protection are built
in to protect the SS6732 against fault
conditions.
The SS6732 comes in the popular 3-pin
SOT-89 package.
n TYPICAL APPLICATION CIRCUIT
+
+
VOUT
VOUT
GND
VIN
1µF
CIN
VIN
10
µF
COUT
Low Dropout Linear Regulator
SS6732
Rev.2.01 6/26/2003


Similar Part No. - SS6732

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-18CQTR SSC-SS6730-18CQTR Datasheet
187Kb / 12P
150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-18CVTR SSC-SS6730-18CVTR Datasheet
187Kb / 12P
150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-285CQTR SSC-SS6730-285CQTR Datasheet
187Kb / 12P
150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-285CVTR SSC-SS6730-285CVTR Datasheet
187Kb / 12P
150mA Low-Noise, Low-Dropout Linear Regulator
More results

Similar Description - SS6732

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1722 AIC-AIC1722 Datasheet
211Kb / 6P
300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
300MA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
300mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
300mA Low- Dropout Linear Regulator|
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com