Electronic Components Datasheet Search
  English  ▼

X  

SS6781B Datasheet(PDF) 20 Page - Silicon Standard Corp.

Part # SS6781B
Description  Battery Charge Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6781B Datasheet(HTML) 20 Page - Silicon Standard Corp.

Back Button SS6781B Datasheet HTML 12Page - Silicon Standard Corp. SS6781B Datasheet HTML 13Page - Silicon Standard Corp. SS6781B Datasheet HTML 14Page - Silicon Standard Corp. SS6781B Datasheet HTML 15Page - Silicon Standard Corp. SS6781B Datasheet HTML 16Page - Silicon Standard Corp. SS6781B Datasheet HTML 17Page - Silicon Standard Corp. SS6781B Datasheet HTML 18Page - Silicon Standard Corp. SS6781B Datasheet HTML 19Page - Silicon Standard Corp. SS6781B Datasheet HTML 20Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
SS6781B
01/31/2008 Rev.1.00
www.SiliconStandard.com
20
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, expressed or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
h
θ
L
D
e
H
E
C
B
A1
0.50
0.25
0.40
0°
1.27
8°
1.27 BSC
10.10
10.00
7.40
0.33
0.23
0.10
10.50
10.65
7.60
0.51
0.32
0.30
S
Y
M
B
O
L
A
SOP-16(300mil)
MILLIMETERS
2.35
MIN.
2.65
MAX.
L
VIEW B
SEATING PLANE
BASE METAL
WITH PLATING
GAUGE PLANE
B
SECTION A-A
D
A
e
A
SEE VIEW B
SOP-16 (300 mil)
Note:
1. Refer to JEDEC MS-013AA.
2. Dimension “D” does not include mold flash, protrusions or gate burrs. Mold
flash, protrusion or gate burrs shall not exceed 6 mil per side.
3. Dimension “E” does not include inter-lead flash or protrusions.
4. Controlling dimension is millimeter, converted inch dimensions are not
necessarily exact.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com