Electronic Components Datasheet Search
  English  ▼

X  

SS6781B Datasheet(PDF) 12 Page - Silicon Standard Corp.

Part # SS6781B
Description  Battery Charge Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6781B Datasheet(HTML) 12 Page - Silicon Standard Corp.

Back Button SS6781B Datasheet HTML 8Page - Silicon Standard Corp. SS6781B Datasheet HTML 9Page - Silicon Standard Corp. SS6781B Datasheet HTML 10Page - Silicon Standard Corp. SS6781B Datasheet HTML 11Page - Silicon Standard Corp. SS6781B Datasheet HTML 12Page - Silicon Standard Corp. SS6781B Datasheet HTML 13Page - Silicon Standard Corp. SS6781B Datasheet HTML 14Page - Silicon Standard Corp. SS6781B Datasheet HTML 15Page - Silicon Standard Corp. SS6781B Datasheet HTML 16Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
01/31/2008 Rev.1.00
www.SiliconStandard.com
12
SS6781B
Power ON
LED Flash 3 Times
If
VBT in Normal
Range
If
VNTC<0.72 VCC
If VNTC>0.29VCC
If
Discharge
Enabled
LED's Display Abnormal,
ICON ON,
Safety Timer Reset
If
SEL3>VCC-0.3V
or VCC/2-0.4V>SEL3
>1.4V
If
Discharge
Finished
LED's Display Fast Charge, ICON OFF
Safety Timer Counts
If
Initial Timer
Finished
If
Peak Timer Period
has Finished
If
0.25% Decline of VBT
is Detected
If
∆T/∆ t
has Reached
If
Safety Timer Period
has Finished
LED's Display
Battery Fulll,
Fast Charge
Finished,
Trickle charge
Starts
∆T/∆t Detector,
-
∆V Detector,
Peak timer are all
Disabled
LED's Display,
Abnormal,
ICON ON,
Safety Timer Reset
If
SEL3>VCC-0.3V
or VCC/2-0.4V>SEL3
>1.4V
Battery Replacement
Battery Replacement
No
No
Yes
Yes
No
Yes
Yes
Yes
No
No
Yes
No
Yes
No
No
Yes
Yes
Yes
Yes
Yes
No
No
No
Yes
Yes
No
No
No
∆T/∆t Disabled
Fig. 16
Function Flow Chart of SS6781B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com