Electronic Components Datasheet Search
  English  ▼

X  

SS6781B Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6781B
Description  Battery Charge Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6781B Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6781B Datasheet HTML 1Page - Silicon Standard Corp. SS6781B Datasheet HTML 2Page - Silicon Standard Corp. SS6781B Datasheet HTML 3Page - Silicon Standard Corp. SS6781B Datasheet HTML 4Page - Silicon Standard Corp. SS6781B Datasheet HTML 5Page - Silicon Standard Corp. SS6781B Datasheet HTML 6Page - Silicon Standard Corp. SS6781B Datasheet HTML 7Page - Silicon Standard Corp. SS6781B Datasheet HTML 8Page - Silicon Standard Corp. SS6781B Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Battery Charge Controller
01/31/2008 Rev.1.00
www.SiliconStandard.com
1
SS6781B
FEATURES
Fast Charge Control of NiMH/NiCd Batteries,
even with a Fluctuating Charging Current.
Fast Charge Termination by: ∆∆ ,
T/ t
−∆
V ,
, Safety Timer, Maximum Temperature,
Maximum Voltage.
0V
∆
Linearly Adjustable ∆
∆
T/ t Detection Slope and
Safety Timer.
Adjustable Peak Voltage Timer for
.
0V
∆
Battery Voltage Protection Range Selectable.
Selectable Battery Temperature Protection
Mode.
Protection against Battery Voltage and Battery
Temperature Faults.
Selectable LED Display Mode for Battery Status.
Five Pulsed Trickle Charge Modes.
Discharge-before-Charge Function Available for
Eliminating Memory Effect.
Quick and Easy Testing for Production.
16-pin DIP or SO Packages.
APPLICATIONS
Battery Fast Chargers for:
Mobile Phones.
Notebook and Laptop Personal Computers.
Portable Power Tools and Toys.
Portable Communication Equipments.
Portable Video & Stereo Equipments.
0
10
2030405060
1.15
1.25
1.35
1.45
1.55
100
80
60
40
20
Temperature
Cell Voltage
Charge Time (min.)
Charge Current = 600 mA
Cell Capacity = 550 mA
NiMH Battery
Fig. 1
Battery Charging Characteristics Resulting from
an
SS6781B-Controlled
Charger
with
a
Fluctuating Charging Current
DESCRIPTION
The SS6781B fast charge controller IC is
designed for intelligent charging of NiMH or NiCd
batteries without the risk of overcharge. −∆V
Detection (-0.25%),
detection (peak voltage
timer) and
0V
∆
∆
∆
T / t detection are the primary
methods employed by the SS6781B to terminate
fast charge. The fast charge can also be cut off by
maximum battery voltage and maximum battery
temperature detection along with the safety timer
to prevent charging under fault conditions of the
charging system or the battery itself.
Both ∆
∆
T / t and −∆V detection methods have
been proved powerful in terminating fast charging
for NiMH and NiCd batteries. The SS6781B
utilizes the combination of these two methods to
achieve reliable decision of ending fast charge and
prevent misacting caused by using −∆V detection
alone under certain conditions. Fig. 1 shows an
example of charging curve of a battery charged by
a fluctuating current from a NiMH battery charger,
which uses the SS6781B controller IC to achieve
optimal charging. This technique, in cooperating
with the 0 V
∆
detection (peak voltage timer), is
particularly suitable for NiMH batteries, whose
voltage drop is hardly significant yet temperature
rises rapidly. The ∆
or
detection
circuitry may be disabled independently for
different applications, such as system-integrated
chargers, chargers with varying charge current, or
battery packs lack of temperature sensing
thermistor.
∆
T/ t
−∆
V
The safety timer period, mode of battery
temperature protection, battery voltage protection
range, pulsed trickle charge duty, and LED display
mode
are
all
adjustable
or
selectable.
Discharge-before-charge function is included to
get rid of memory effect of NiCd batteries without
Pb-free; RoHS-compliant


Similar Part No. - SS6781B

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6781A SSC-SS6781A Datasheet
844Kb / 18P
Battery Charger Controller
SS6781ACNTB SSC-SS6781ACNTB Datasheet
844Kb / 18P
Battery Charger Controller
SS6781ACNTR SSC-SS6781ACNTR Datasheet
844Kb / 18P
Battery Charger Controller
SS6781ACSTB SSC-SS6781ACSTB Datasheet
844Kb / 18P
Battery Charger Controller
SS6781ACSTR SSC-SS6781ACSTR Datasheet
844Kb / 18P
Battery Charger Controller
More results

Similar Description - SS6781B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
Lithium-Ion Battery Charge Controller
logo
Semtech Corporation
SC1766 SEMTECH-SC1766 Datasheet
259Kb / 11P
BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1781 AIC-AIC1781 Datasheet
423Kb / 17P
Battery Charge Controller
AIC1782 AIC-AIC1782 Datasheet
361Kb / 17P
Dual-Battery Charge Controller
AIC1783 AIC-AIC1783 Datasheet
159Kb / 11P
Battery Charge Controller
logo
Dallas Semiconductor
DS2770 DALLAS-DS2770 Datasheet
272Kb / 27P
Battery Monitor and Charge Controller
logo
Analog Devices
AIC1761 AD-AIC1761 Datasheet
245Kb / 15P
BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1781A AIC-AIC1781A Datasheet
393Kb / 18P
Battery Charge Controller
AIC1784 AIC-AIC1784 Datasheet
547Kb / 16P
Battery Charge Controller
logo
List of Unclassifed Man...
8602GN ETC2-8602GN Datasheet
105Kb / 2P
Battery Charge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com