Electronic Components Datasheet Search
  English  ▼

X  

SS6781BCSTR Datasheet(PDF) 17 Page - Silicon Standard Corp.

Part # SS6781BCSTR
Description  Battery Charge Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6781BCSTR Datasheet(HTML) 17 Page - Silicon Standard Corp.

Back Button SS6781BCSTR Datasheet HTML 12Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 13Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 14Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 15Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 16Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 17Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 18Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 19Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 20Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
01/31/2008 Rev.1.00
www.SiliconStandard.com
17
SS6781B
TABLE 9
The Operating Mode of SS6781B
MODE pin
Mode
Function
VCC
Test
Safety timer period scaled
down to 1/512....etc.
Floating
Normal Normal operation
GND
AC
–
∆V detection disabled
The Mode of LED Display and Trickle Charge
The
SS6781B provides two LED display modes
and
five-pulsed
trickle
charge
modes.
The
tri-level inputs, SEL1 and SEL2 pins, as in the
TABLE 6 determine the modes of LED display
and trickle charge.
TABLE 10 Mode of LED Display and Trickle
Charge
SEL1
SEL2
Trickle Charge
Duty
LED Display
Mode
VCC
VCC
Floating
GND
N/A
1/32
1/64
Type 1
Type 1
Type 1
Floating
VCC
Floating
GND
1/128
1/256
N/A
Type 1
Type 1
Type 2
GND
VCC
Floating
GND
1/32
1/64
1/128
Type 2
Type 2
Type 2
Display the Battery Charging Status
The
SS6781B provides two open-drained
outputs, LED1 and LED2, to indicate the battery
charging status. Refer to the table of LED display
mode (TABLE 10), depending on the setting of
SEL1 and SEL2 pins, the outputs of LED1 and
LED2 pins are shown in the following table:
TYPE 1
Power
ON
Fast
Charging
Charge
Completed
Fault
Conditions
LED1
1Hz
ON
OFF
OFF
LED2
OFF
OFF
ON
OFF
TYPE 2
Power
ON
Fast
Charging
Charge
Completed
Fault
Conditions
LED1
1Hz
ON
OFF
4Hz
Flashing
LED2
1Hz
4Hz
Flashing
ON
OFF
Charging Current Control
As shown in the typical application circuit, the
SS6781B offers an open-drained output pin, ICON
pin, to control the charging current flow in fast
charge state and switch on to inhibit the charging
current flow in fault conditions. When fast charge is
completed, the
SS6781B enters the trickle charge
mode. In trickle charge mode, the ICON pin output
switches with predetermined duty cycle. Refer to
the table of trickle charge mode (TABLE 6), the
duty cycle is determined by the setting of SEL1
and SEL2 pins. The following table summarizes
how ICON pin corresponds to various charging
states.
Power
ON
Fast
Charging
Charge
Completed
Fault
Conditions
ICON
ON
OFF
See pin 10
& 11
ON
Test Mode
Fig. 20 shows the timing diagram for externally
controlled PEAK, ADJ, VBT, VTS, SEL1 and
SEL2 pin voltages of a recommended
SS6781B
test scheme, utilizing TEST mode function.
Output waveforms of LED1, LED2 and ICON of a
properly functioning
SS6781B are also shown in
the figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com