Electronic Components Datasheet Search
  English  ▼

X  

SS6781BCSTR Datasheet(PDF) 18 Page - Silicon Standard Corp.

Part # SS6781BCSTR
Description  Battery Charge Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6781BCSTR Datasheet(HTML) 18 Page - Silicon Standard Corp.

Back Button SS6781BCSTR Datasheet HTML 12Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 13Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 14Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 15Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 16Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 17Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 18Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 19Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 20Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
01/31/2008 Rev.1.00
www.SiliconStandard.com
18
SS6781B
TIMING DIAGRAM
Floating
Floating
SAFETY TIMER TEST
∆T/∆t TEST
Floating
GND
Init.
GND
GND
GND
Floating
VCC
Floating
Floating
Floating
4V
(-0.15%)
(-0.15%)
(-2.5%)
4V
ON
OFF
4V
2mV
Step/100mS
2mV
Step/100mS
1.993V
(-0.35%)
2V
2V
ON
1.97V
2V
4V
2V
1.9V
1.997V
1.997V
1.5V
VCC, SEL3, MODE=5V, RTMR=2.9kΩ, (DSW FREQ.=820KHz, 25 TIMES of 32.8K)
(-2.15%)
0V
1.85V
5V
5V
1.12V
ON
ON
OFF
3.2KHz
ON
OFF
ON
-
∆V DISABLE TEST
OFF
OFF
PEAK TIMER TEST
-
∆V TEST
OFF
OFF
ON
2.14
9
0.4
8
0.12
4
0.28
0.12
2
0.02
10
0.32
5
0.32
0.7
0.32
0.2
3
0.24
0.1
0.5
7
0.12
6
5.92 6.02
6.04
3.78
0.74
0.54
0.
0.26
0.14
0.14
1
3.38
3.14
2.64
1.94
1.62
1.5
1.18
86
ICON
VBT
ADJ
PEAK
LED2
LED1
VTS
TIME
(SEC.)
STAGE
SEL1
SEL2
OFF
ON
<2.1V
2V
Power
ON
3V
0V
0.1
0
2V
2V
2V
1.997V
Fig. 20
Timing Diagram of SS6781B in Test Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com