Electronic Components Datasheet Search
  English  ▼

X  

SS6781BCSTR Datasheet(PDF) 19 Page - Silicon Standard Corp.

Part # SS6781BCSTR
Description  Battery Charge Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6781BCSTR Datasheet(HTML) 19 Page - Silicon Standard Corp.

Back Button SS6781BCSTR Datasheet HTML 12Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 13Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 14Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 15Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 16Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 17Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 18Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 19Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 20Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
01/31/2008 Rev.1.00
www.SiliconStandard.com
19
SS6781B
2.54 BSC
e
L
eB
eA
2.92
7.62 BSC
3.81
10.92
D
18.66
E
E1
D1
7.62
6.10
0.13
c
b2
b
0.20
1.14
0.36
19.69
8.26
7.11
0.35
1.78
0.56
MILLIMETERS
MIN.
S
Y
M
B
O
L
A1
A2
A
0.38
2.92
MAX.
4.95
5.33
DIP-16
E
eB
eA
D1
e
b2
A
A
D
WITH PLATING
SECTION A-A
BASE METAL
b
GAUGE PLANE
(unit: mm)
DIP-16
1.
2.
nsion D does not include mold flash, protrusions or gate burrs.
PHYSICAL DIMENSIONS
Note:
Refer to JEDEC MS-001BB.
Dime
Mold flash , protrusions or gate burrs shall not exceed 10 mil per
side
3. Dimension “D1” and “E1” do not include inter-lead flash or
protrusions.
4. Controlling dimension is millimeter, converted inch dimensions are
not necessarily exact.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com