Electronic Components Datasheet Search
  English  ▼

X  

SS6782GSTB Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6782GSTB
Description  Charge Controller for Dual Batteries
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6782GSTB Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6782GSTB Datasheet HTML 1Page - Silicon Standard Corp. SS6782GSTB Datasheet HTML 2Page - Silicon Standard Corp. SS6782GSTB Datasheet HTML 3Page - Silicon Standard Corp. SS6782GSTB Datasheet HTML 4Page - Silicon Standard Corp. SS6782GSTB Datasheet HTML 5Page - Silicon Standard Corp. SS6782GSTB Datasheet HTML 6Page - Silicon Standard Corp. SS6782GSTB Datasheet HTML 7Page - Silicon Standard Corp. SS6782GSTB Datasheet HTML 8Page - Silicon Standard Corp. SS6782GSTB Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.SiliconStandard.com
4 of 19
SS6782G
9/21/2005 Rev.3.01
TEST CIRCUIT
ABV
DSW
BBV
ICOB
DIS
LEB2
BTS
LEB1
VCC
GND
ADJ
SEL1
SEL3
SEL2
TMR
MODE
ATS
ICOA
LEA1
LEA2
V2 (3V)
V1 (0.95V)
VCC (5V)
GREEN
ORANGE
SS6782G
R2
-
+
YELLOW
Voltage Source
-
+
Voltage Source
VCC
VCC
100K
R1
560
560
R3
R4
560
-
+
Voltage Source
-
+
Voltage
Source
560
560
GREEN
ORANGE
R5
R8
R7
560
R6
VCC
RED
560
RED
VCC
VCC
ELECTRICAL CHARACTERISTICS
(TA=25°C, VCC=5V, unless otherwise specified) (Note1)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VCC
4.5
5
5.5
V
Supply Current
ICC
1.1
mA
Battery Low
Before Initial Timer
0.11
0.16
0.21
After Initial Timer
(SEL3>3V)
0.63
0.69
0.75
(SEL3<2V)
1.1
1.2
1.3
Battery High
(SEL3>3V)
2.6
2.7
2.8
Voltage Protection Limit
(SEL3<2V)
VABV
VBBV
1.9
2.0
2.1
V
Temperature High
1.35
1.45
1.55
Temperature Sense
Limit
Temperature Low
VATS
VBTS
3.5
3.6
3.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com