Electronic Components Datasheet Search
  English  ▼

X  

SS6782GSTB Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # SS6782GSTB
Description  Charge Controller for Dual Batteries
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6782GSTB Datasheet(HTML) 8 Page - Silicon Standard Corp.

Back Button SS6782GSTB Datasheet HTML 4Page - Silicon Standard Corp. SS6782GSTB Datasheet HTML 5Page - Silicon Standard Corp. SS6782GSTB Datasheet HTML 6Page - Silicon Standard Corp. SS6782GSTB Datasheet HTML 7Page - Silicon Standard Corp. SS6782GSTB Datasheet HTML 8Page - Silicon Standard Corp. SS6782GSTB Datasheet HTML 9Page - Silicon Standard Corp. SS6782GSTB Datasheet HTML 10Page - Silicon Standard Corp. SS6782GSTB Datasheet HTML 11Page - Silicon Standard Corp. SS6782GSTB Datasheet HTML 12Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.SiliconStandard.com
8 of 19
SS6782G
9/21/2005 Rev.3.01
BLOCK DIAGRAM
LEB2 LEB1 LEA2
LEA1
ICOB
ICOA
Display
Control
Unit
TMR
Timing
Control Unit
GND VCC
Bandgap
Reference
& Voltage
Regulator
MODE
MODE
Selection
SEL3
Battery Voltage
& Temperature
Protection
Setting
SEL2
SEL1
LED Display&
Trickle Charge
Duty Setting
Charge Control
State Machine
CHARGE END
DSW
DIS
BBV
ATS
ADJ
Charge
Control Unit
∆T/∆t Detection
Setting
Battery Temperature
Protection
Battery Voltage
Protection
Discharge
Control Unit
13-bit A/D
Oscillator
+
-
BTS
ABV
PIN DESCRIPTIONS
PIN 1: ABV - Battery voltage input to sense
the voltage of battery pack A.
PIN 5: VCC
- Power
supply
input
at
5V
±10%.
PIN 6: ADJ
- For adjusting the slope of
∆T/∆t.
Acceptable voltage range for
this pin is approximately 0.28V
to 3.8V. If the voltage is higher
than (VCC - 0.3V), then
∆T/∆t
detection is disabled.
PIN 2: BBV - Battery voltage input to sense
the voltage of battery pack B.
PIN 3: DIS
- Push-pull output, used to control
an external transistor to discharge
the battery pack B.
DIS is active high when the
discharge function is enabled.
PIN 7: SEL3 - Determines the acceptable
voltage range of ABV and
BBV pins and the mode of the
tem
perature protection function.
PIN 4: BTS - The battery cell temperature of
pack B is represented as a voltage
input to the SS6782G on this pin.
The acceptable voltage range of
the
BTS pin is 0.29Vcc to 0.72Vcc.
PIN 8: TMR
- Determines the period of the
safety timer with an external
resistor connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com