Electronic Components Datasheet Search
  English  ▼

X  

SS6782GSTB Datasheet(PDF) 14 Page - Silicon Standard Corp.

Part # SS6782GSTB
Description  Charge Controller for Dual Batteries
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6782GSTB Datasheet(HTML) 14 Page - Silicon Standard Corp.

Back Button SS6782GSTB Datasheet HTML 10Page - Silicon Standard Corp. SS6782GSTB Datasheet HTML 11Page - Silicon Standard Corp. SS6782GSTB Datasheet HTML 12Page - Silicon Standard Corp. SS6782GSTB Datasheet HTML 13Page - Silicon Standard Corp. SS6782GSTB Datasheet HTML 14Page - Silicon Standard Corp. SS6782GSTB Datasheet HTML 15Page - Silicon Standard Corp. SS6782GSTB Datasheet HTML 16Page - Silicon Standard Corp. SS6782GSTB Datasheet HTML 17Page - Silicon Standard Corp. SS6782GSTB Datasheet HTML 18Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
www.SiliconStandard.com
14 of 19
SS6782G
9/21/2005 Rev.3.01
Setting the ADJ Pin Voltage
∆∆
T/ t=
1
60
0.0166
=
The slope of ∆
detection is determined by
the
ADJ pin voltage of the SS6782G.
∆
T/ t
(d) VADJ =25 x 0.043 x 0.0166 x 56 = 1(V)
If the temperature range is from 0
°C to
50
°C, the voltage of VADJ under different
setting conditions should be set as tabu-
lated below.
The calculation of ADJ pin voltage is shown in
the following procedure followed by an example.
Procedure
TABLE 5 ADJ Pin Voltage (TL=0°C, TH=50°C)
∆
∆
T / t
S.T.
0.75
(
°C/min.)
1.0
(
°C/min.)
1.25
(
°C/min.)
40 min. (2C)
0.37
0.5
0.63
80 min. (1C)
0.75
1.0
1.25
120 min. (0.67C)
1.12
1.5
1.87
160 min. (0.5C)
1.5
2.0
2.5
200 min. (0.4C)
1.87
2.5
3.12
240 min. (0.33C)
2.25
3.0
3.75
(a) First, determine the temperature protection
limits TH and TL. Then, substitute TH & TL
into the following equation:
∆
∆
V
T
0.72V
0.29V
TH TL
0.43V
TH TL
TS
BASE
CC
CC
CC
=
−
−
=
−
(b) Determine the safety timer to obtain the
value of
∆tBASE .
.)
(min
Timer
Safety
.)
(min
80
56(sec.)
=
(sec.)
tBASE
×
∆
A similar table for temperature range from 0
°C
to 60
°C is shown below.
(c) Determine the expected slope of ∆
∆
T / t at
which temperature rises y
°C in x seconds
and fast charge is subsequently cut off.
TABLE 6 ADJ Pin Voltage (TL=0°C, TH=60°C)
∆
∆
T
t
y
x
=
∆
∆
T / t
S.T.
0.75
(
°C/min.)
1.0
(
°C/min.)
1.25
(
°C/min.)
40 min. (2C)
0.31
0.42
0.52
80 min. (1C)
0.62
0.84
1.05
120 min. (0.67C)
0.94
1.25
1.56
160 min. (0.5C)
1.25
1.67
2.08
200 min. (0.4C)
1.56
2.08
2.60
240 min. (0.33C)
1.87
2.5
3.12
(d) Calculate the value of VADJ
V25
V
T
T
t
t
ADJ
TS
BASE
BASE
=×
×
×
∆
∆
∆
∆
∆
Example
(a) Let TH=50
°C, TL=0°C, VCC =5V. We have
C
0.043V/
0
50
5
0.43
T
V
BASE
TS
°
=
−
×
=
∆
∆
Setting the Period of Safety Timer
The SS6782G provides a method for linearly ad-
justing the period of safety timer with an exter-
nal resistor connected from TMR pin to GND.
The relation between safety timer length and
the external resistor (RTMR) is shown in Fig. 16.
The table following shows the resistor values.
which means that VTS decreases 43mV
as temperature rises 1
°C.
(b) If safety timer is equal to 80 minutes,
∆tBASE is then 56 seconds.
(c) If fast charging should be terminated when
temperature rises 1
°C in 60 seconds, then



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com