Electronic Components Datasheet Search
  English  ▼

X  

X24F016PI Datasheet(PDF) 8 Page - Xicor Inc.

Part # X24F016PI
Description  SerialFlash TM Memory with Block Lock TM Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24F016PI Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X24F016PI Datasheet HTML 4Page - Xicor Inc. X24F016PI Datasheet HTML 5Page - Xicor Inc. X24F016PI Datasheet HTML 6Page - Xicor Inc. X24F016PI Datasheet HTML 7Page - Xicor Inc. X24F016PI Datasheet HTML 8Page - Xicor Inc. X24F016PI Datasheet HTML 9Page - Xicor Inc. X24F016PI Datasheet HTML 10Page - Xicor Inc. X24F016PI Datasheet HTML 11Page - Xicor Inc. X24F016PI Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
X24F064/032/016
8
Sequential Read
Sequential reads can be initiated as either a current
address read or random access read. The first byte is
transmitted as with the other modes, however, the
master now responds with an acknowledge, indicating
it requires additional data. The X24F064/032/016
continues to output data for each acknowledge
received. The read operation is terminated by the
master; by not responding with an acknowledge and
then issuing a stop condition.
The data output is sequential, with the data from
address n followed by the data from n + 1. The
address counter for read operations increments all
address bits, allowing the entire memory contents to
be serially read during one operation. At the end of the
address space, the counter “rolls over” to 0 and the
X24F064/032/016 continues to output data for each
acknowledge received. Refer to Figure 8 for the
address, acknowledge and data transfer sequence.
Figure 8. Sequential Read
BUS ACTIVITY:
MASTER
SDA LINE
BUS ACTIVITY:
X24F016/032/064
SLAVE
ADDRESS
A
C
K
6686 ILL F13.1
A
C
K
DATA n+x
S
T
O
P
P
DATA n
A
C
K
DATA n+1
A
C
K
DATA n+2
Figure 9. Typical System Configuration
MASTER
TRANSMITTER/
RECEIVER
SLAVE
RECEIVER
SLAVE
TRANSMITTER/
RECEIVER
MASTER
TRANSMITTER
MASTER
TRANSMITTER/
RECEIVER
PULL-UP
RESISTORS
SDA
SCL
VCC
6686 ILL F14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com