Electronic Components Datasheet Search
  English  ▼

X  

X24F016PI Datasheet(PDF) 12 Page - Xicor Inc.

Part # X24F016PI
Description  SerialFlash TM Memory with Block Lock TM Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24F016PI Datasheet(HTML) 12 Page - Xicor Inc.

Back Button X24F016PI Datasheet HTML 8Page - Xicor Inc. X24F016PI Datasheet HTML 9Page - Xicor Inc. X24F016PI Datasheet HTML 10Page - Xicor Inc. X24F016PI Datasheet HTML 11Page - Xicor Inc. X24F016PI Datasheet HTML 12Page - Xicor Inc. X24F016PI Datasheet HTML 13Page - Xicor Inc. X24F016PI Datasheet HTML 14Page - Xicor Inc. X24F016PI Datasheet HTML 15Page - Xicor Inc. X24F016PI Datasheet HTML 16Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
X24F064/032/016
12
A.C. CONDITIONS OF TEST
6686 FRM T08
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and
Fall Times
10ns
Input and Output
Timing Levels
VCC X 0.5
EQUIVALENT A.C. LOAD CIRCUIT
6686 ILL F16.1
5V
1533
Ω
100pF
OUTPUT
2.7V
1533
Ω
100pF
OUTPUT
A.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions, unless otherwise specified.)
Read & Write Cycle Limits
6686 FRM T09.1
POWER-UP TIMING(4)
6686 FRM T10
Notes: (4) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. These parameters
are periodically sampled and not 100% tested.
Symbol
Parameter
Min.
Max.
Units
fSCL
SCL Clock Frequency
0
100
KHz
TI
Noise Suppression Time
Constant at SCL, SDA Inputs
100
ns
tAA
SCL LOW to SDA Data Out Valid
0.3
3.5
µs
tBUF
Time the Bus Must Be Free Before a
New Transmission Can Start
4.7
µs
tHD:STA
Start Condition Hold Time
4
µs
tLOW
Clock LOW Period
4.7
µs
tHIGH
Clock HIGH Period
4
µs
tSU:STA
Start Condition Setup Time
(for a Repeated Start Condition)
4.7
µs
tHD:DAT
Data In Hold Time
0
µs
tSU:DAT
Data In Setup Time
250
ns
tR
SDA and SCL Rise Time
1
µs
tF
SDA and SCL Fall Time
300
ns
tSU:STO
Stop Condition Setup Time
4.7
µs
tDH
Data Out Hold Time
300
ns
Symbol
Parameter
Max.
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com