Electronic Components Datasheet Search
  English  ▼

X  

X24F016PI Datasheet(PDF) 13 Page - Xicor Inc.

Part # X24F016PI
Description  SerialFlash TM Memory with Block Lock TM Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24F016PI Datasheet(HTML) 13 Page - Xicor Inc.

Back Button X24F016PI Datasheet HTML 9Page - Xicor Inc. X24F016PI Datasheet HTML 10Page - Xicor Inc. X24F016PI Datasheet HTML 11Page - Xicor Inc. X24F016PI Datasheet HTML 12Page - Xicor Inc. X24F016PI Datasheet HTML 13Page - Xicor Inc. X24F016PI Datasheet HTML 14Page - Xicor Inc. X24F016PI Datasheet HTML 15Page - Xicor Inc. X24F016PI Datasheet HTML 16Page - Xicor Inc. X24F016PI Datasheet HTML 17Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
X24F064/032/016
13
SYMBOL TABLE
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
The program cycle time is the time from a valid stop
condition of a write sequence to the end of the internal
erase/program cycle. During the program cycle, the
X24F064/032/016 bus interface circuits are disabled,
SDA is allowed to remain HIGH, and the device does
not respond to its slave address.
Bus Timing
6686 ILL F17
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
tLOW
tSU:STO
tR
tBUF
SCL
SDA IN
SDA OUT
tDH
tAA
tF
tHIGH
Program Cycle Limits
6686 FRM T11.1
Symbol
Parameter
Min.
Typ.(5)
Max.
Units
tPR
(6)
Program Cycle Time
5
10
ms
Bus Timing
6686 ILL F18
SCL
SDA
8th BIT
WORD n
ACK
tWR
STOP
CONDITION
START
CONDITION
Notes: (5) Typical values are for TA = 25°C and nominal supply voltage (2.7V).
(6) tWR is the minimum cycle time to be allowed from the system perspective unless polling techniques are used. It is the maximum
time the device requires to automatically complete the internal program operation.
Guidelines for Calculating Typical Values of
Bus Pull-Up Resistors
6686 ILL F19.1
120
100
80
40
60
20
20
40
60
80 100 120
0
0
BUS CAPACITANCE (pF)
MIN.
RESISTANCE
MAX.
RESISTANCE
RMAX =
CBUS
t R
RMIN =
IOL MIN
VCC MAX
=1.2K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com