Electronic Components Datasheet Search
  English  ▼

X  

SS8000G Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS8000G
Description  GSM Power-Management System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8000G Datasheet(HTML) 6 Page - Silicon Standard Corp.

Back Button SS8000G Datasheet HTML 2Page - Silicon Standard Corp. SS8000G Datasheet HTML 3Page - Silicon Standard Corp. SS8000G Datasheet HTML 4Page - Silicon Standard Corp. SS8000G Datasheet HTML 5Page - Silicon Standard Corp. SS8000G Datasheet HTML 6Page - Silicon Standard Corp. SS8000G Datasheet HTML 7Page - Silicon Standard Corp. SS8000G Datasheet HTML 8Page - Silicon Standard Corp. SS8000G Datasheet HTML 9Page - Silicon Standard Corp. SS8000G Datasheet HTML 10Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.SiliconStandard.com
6 of 14
SS8000G
PIN DESCRIPTIONS
PIN
NAME
FUNCTION
1
CHRIN
Charger Input Voltage
2
GATEDRV
Gate Drive Output
3,29
NC
4
ISENSE
Charger Current Sense Input
5
CHRCNTL
Microprocessor Control Input Signal for Gate Drive
6
CHRDET
Charger Detect Output
7
BATSNS
Battery Input Voltage Sense
8
VSIM
SIM Supply
9
SIMIO
Non-Level-Shifted Bidirectional Data I/O
10
SIMRST
Non-Level-Shifted SIM Reset Input
11
SIMCLK
Non-Level-Shifted SIM Clock Input
12
SIMVCC
SIM Enable
13
SIMSEL
High for Vsim=3.0V, Low for Vsim=1.8V
14
SIO
Level-Shifted SIM Bidirectional Data Input/Output
15
SRST
Level-Shifted SIM Reset Output
16
SCLK
Level-Shifted SIM Clock Output
17,21,46
DGND
Digital Ground
18
VM
Memory Supply
19
VBAT
Battery Input Voltage
20
VIO
Digital IO Supply
22
VRTC
Real Time Clock Supply
23
RSTCAP
Reset Delay Time Capacitance
24
/RESET
System Reset, Low Active
25
VTCXO
TCXO Supply
26
AVBAT
Battery Input Voltage for Analog Block Circuits
27
VA
Analog Supply
28
AGND
Analog Ground
30
VREF
Reference Voltage Output
31
SRCLKEN
VTCXO and VA Enable
32
PWRKEY
Power on/off Key
33
PWRBB
Power on/off Signal from Microprocessor
34
VIBRATOREN
Vibrator Driver Enable
35
ALERTEREN
Alerter Driver Enable
36
LEDEN
LED Driver Enable
37,40
PGND
Power Ground
38
VIBRATOR
Vibrator Driver Input
39
ALERTER
Alerter Driver Input
41
LED
LED Driver Input
42
BATUSE
Battery Type Selection, High for NiMH, Low for Li-ion
43
BATDET
Battery Detect Output
44
VASEL
High for VA enabled with VTCXO, Low for VA enabled with VD
45
VMSEL
High for Vm=2.8 V, Low for Vm=1.8V
47
VBAT
Battery Input Voltage
48
VCORE
Digital Core Supply
12/06/2004 Rev.2.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com