Electronic Components Datasheet Search
  English  ▼

X  

SS8000G Datasheet(PDF) 10 Page - Silicon Standard Corp.

Part # SS8000G
Description  GSM Power-Management System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8000G Datasheet(HTML) 10 Page - Silicon Standard Corp.

Back Button SS8000G Datasheet HTML 6Page - Silicon Standard Corp. SS8000G Datasheet HTML 7Page - Silicon Standard Corp. SS8000G Datasheet HTML 8Page - Silicon Standard Corp. SS8000G Datasheet HTML 9Page - Silicon Standard Corp. SS8000G Datasheet HTML 10Page - Silicon Standard Corp. SS8000G Datasheet HTML 11Page - Silicon Standard Corp. SS8000G Datasheet HTML 12Page - Silicon Standard Corp. SS8000G Datasheet HTML 13Page - Silicon Standard Corp. SS8000G Datasheet HTML 14Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.SiliconStandard.com
10 of 14
SS8000G
APPLICATION INFORMATION (cont.)
Figure 2. Batter Charger Flow Chart
CHARGER
DETECTOR
CHRIN > BATSNS
VBAT > UVLO
PRE-CHARGING
YES
YES
BATUSE=HIGH
BATTERY
TYPE
BATUSE=LOW
CONSTANT
CURRENT MODE
PULSE CHARGE
MODE
VBAT > 4.2V
Li+
VBAT > 5.1V
CHARGER OFF
GATEDRV=HIGH
VBAT < 5.1V
YES
YES
NO
NO
NO
VBAT < 4.3V
CHARGER
OFF
VBAT < 4.3V
YES
CONSTANT
VOLTAGE MODE
NiMH
YES
YES
NO
NO
NO
NO
NO-CHARGING
CHARGER
DETECTOR
CHRIN > BATSNS
VBAT > UVLO
PRE-CHARGING
YES
YES
BATUSE=HIGH
BATTERY
TYPE
BATUSE=LOW
CONSTANT
CURRENT MODE
PULSE CHARGE
MODE
VBAT > 4.2V
Li+
VBAT > 5.1V
CHARGER OFF
GATEDRV=HIGH
VBAT < 5.1V
YES
YES
NO
NO
NO
NO
NO
VBAT < 4.3V
CHARGER
OFF
VBAT < 4.3V
YES
CONSTANT
VOLTAGE MODE
NiMH
YES
YES
NO
NO
NO
NO
NO
NO
12/06/2004 Rev.2.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com