Electronic Components Datasheet Search
  English  ▼

X  

SS8027G Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS8027G
Description  3.3V 1A Low Dropout Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8027G Datasheet(HTML) 6 Page - Silicon Standard Corp.

Back Button SS8027G Datasheet HTML 2Page - Silicon Standard Corp. SS8027G Datasheet HTML 3Page - Silicon Standard Corp. SS8027G Datasheet HTML 4Page - Silicon Standard Corp. SS8027G Datasheet HTML 5Page - Silicon Standard Corp. SS8027G Datasheet HTML 6Page - Silicon Standard Corp. SS8027G Datasheet HTML 7Page - Silicon Standard Corp. SS8027G Datasheet HTML 8Page - Silicon Standard Corp. SS8027G Datasheet HTML 9Page - Silicon Standard Corp. SS8027G Datasheet HTML 10Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.SiliconStandard.com
6 of 10
5/26/2005 Rev.2.2
SS8027G
Typical Performance Characteristics (continued)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Input-Output Voltaage Differential VIN-VOUT (V)
TA=25¢J
TA=55¢J
TA=85¢J
Maximum recommended output current
TA=25°C,Still Air
No Heat Sink
Mounted on TO 220 recommended
mimimum footprint, without heat sink
(R£cJA=60°C/W)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
25
35
45
55
65
75
85
95
105
115
125
Amibent Temperature TA (°C)
Maximum Power Dissipation of TO 220
No Heat Sink
Still Air
1oz Copper on TO 220 Package
Mounted on recommend mimimum
footprint (R£cJA=60°C/W)
Safe Operating Area of TO 220
Note: VIN(max) <= 6.5V
Recommended Minimum Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com