Electronic Components Datasheet Search
  English  ▼

X  

SS8027G Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS8027G
Description  3.3V 1A Low Dropout Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8027G Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS8027G Datasheet HTML 1Page - Silicon Standard Corp. SS8027G Datasheet HTML 2Page - Silicon Standard Corp. SS8027G Datasheet HTML 3Page - Silicon Standard Corp. SS8027G Datasheet HTML 4Page - Silicon Standard Corp. SS8027G Datasheet HTML 5Page - Silicon Standard Corp. SS8027G Datasheet HTML 6Page - Silicon Standard Corp. SS8027G Datasheet HTML 7Page - Silicon Standard Corp. SS8027G Datasheet HTML 8Page - Silicon Standard Corp. SS8027G Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.SiliconStandard.com
1 of 10
SS8027G
5/26/2005 Rev.2.2
3.3V 1A Low Dropout Regulator
FEATURES
Dropout voltage typically 0.8V @ I O = 1A
Output current in excess of 1A
Output voltage accuracy ±2%
Quiescent current, typically 600µA
Internal short circuit current limit
Internal over temperature protection
APPLICATIONS
CD-R/W
ADSL
Cable Modem
Set-Top-Box
LAN switch/Hub
Router
DVD-R/W
DESCRIPTION
The SS8027G positive 3.3V voltage regulator features
the ability to source 1A of output current with a drop-
out voltage of typically 0.8V over the entire operating
temperature range. A low quiescent current is pro-
vided over the entire output current range. The typical
quiescent current is 0.6mA. Furthermore, quiescent
current is reduced when the regulator is in the
dropout mode (V IN < 3.3V).
Familiar regulator features such as over-temperature
and over-current protection circuits are provided to
prevent the device from being damaged by abnormal
operating conditions.
ORDERING INFORMATION
SS8027GTXXXX
Packing Type
Pin Option
Package Type
PACKAGE TYPE
PIN OPTION
PACKING
GT3 : TO 220 Pb-free
1
2
3
TR : Tape & Reel
GT4 : TO 252 Pb-free
1 : VOUT
GND
VIN
TB : Tube
GT5 : TO 263 Pb-free
2 : VOUT
VIN
GND
GT6 : SOT 223 Pb-free
3 : GND
VOUT
VIN
4 : GND
VIN
VOUT
5 : VIN
GND
VOUT
6 : VIN
VOUT
GND
TYPICAL APPLICATION
PIN CONFIGURATION
C1
0.47µF
IQ
V
IN
V
OUT
I
O
C
OUT
10µF
1
3
2
Top View
1
2
3
Top View
1
2
3
Top View
SS8027G
C1
0.47µF
IQ
V
IN
V
OUT
I
O
C
OUT
10µF
1
3
2
Top View
1
2
3
Top View
1
2
3
Top View
1
3
TO-220
2
Top View
Top View
1
2
3
SOT-223
Top View
1
2
3
TO-252 and TO-263
Top View
Pb-free, RoHS compliant.


Similar Part No. - SS8027G

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
Stereo Headphone Power Amplifier
SS8021GTB SSC-SS8021GTB Datasheet
404Kb / 8P
Stereo Headphone Power Amplifier
SS8021GTR SSC-SS8021GTR Datasheet
404Kb / 8P
Stereo Headphone Power Amplifier
SS8021TB SSC-SS8021TB Datasheet
404Kb / 8P
Stereo Headphone Power Amplifier
SS8021TR SSC-SS8021TR Datasheet
404Kb / 8P
Stereo Headphone Power Amplifier
More results

Similar Description - SS8027G

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
1A Low Dropout Regulator
logo
International Rectifier
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
List of Unclassifed Man...
G960 ETC-G960 Datasheet
100Kb / 7P
3.3V 1A Low Dropout Regulator
logo
Allegro MicroSystems
SI-3006KWD ALLEGRO-SI-3006KWD Datasheet
441Kb / 9P
1A, Low-Dropout, Dual Output, 1.8V & 3.3V Regulator
logo
Global Mixed-mode Techn...
G9133 GMT-G9133 Datasheet
232Kb / 8P
3.3V 1A Low Dropout Regulator with Disable
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
G960 GMT-G960 Datasheet
56Kb / 1P
3.3V 1A Low Dropout Regulator
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
1A Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com