Electronic Components Datasheet Search
  English  ▼

X  

SS8027G Datasheet(PDF) 9 Page - Silicon Standard Corp.

Part # SS8027G
Description  3.3V 1A Low Dropout Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8027G Datasheet(HTML) 9 Page - Silicon Standard Corp.

Back Button SS8027G Datasheet HTML 2Page - Silicon Standard Corp. SS8027G Datasheet HTML 3Page - Silicon Standard Corp. SS8027G Datasheet HTML 4Page - Silicon Standard Corp. SS8027G Datasheet HTML 5Page - Silicon Standard Corp. SS8027G Datasheet HTML 6Page - Silicon Standard Corp. SS8027G Datasheet HTML 7Page - Silicon Standard Corp. SS8027G Datasheet HTML 8Page - Silicon Standard Corp. SS8027G Datasheet HTML 9Page - Silicon Standard Corp. SS8027G Datasheet HTML 10Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.SiliconStandard.com
9 of 10
5/26/2005 Rev.2.2
SS8027G
SOT-223 (GT6) Package
MILLIMETERS
INCHES
SYMBOLS
MIN
MAX
MIN
MAX
A
1.55
1.80
0.061
0.071
A1
0.02
0.12
0.0008
0.0047
B
0.60
0.80
0.024
0.031
B1
2.90
3.10
0.114
0.122
C
0.24
0.32
0.009
0.013
D
6.30
6.70
0.248
0.264
E
3.30
3.70
0.130
0.146
e
2.30 BSC
0.090 BSC
e1
4.60 BSC
0.181 BSC
H
6.70
7.30
0.264
0.287
L
0.90 MIN
0.036 MIN
L2
0.06 BSC
0.0024 BSC
a
0º
10º
0º
10º
Package Orientation
A
B
13
°(4X)
A1
e1
e
E
B1
D
H
C
α
13
°(4X)
L2
L
Feed Direction
SOT 223 Package Orientation
Feed Direction
TO-252 and TO-263 Package Orientation



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com