Electronic Components Datasheet Search
  English  ▼

X  

X68C75PI Datasheet(PDF) 22 Page - Xicor Inc.

Part # X68C75PI
Description  Port Expander and E2 Memory
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X68C75PI Datasheet(HTML) 22 Page - Xicor Inc.

Back Button X68C75PI Datasheet HTML 18Page - Xicor Inc. X68C75PI Datasheet HTML 19Page - Xicor Inc. X68C75PI Datasheet HTML 20Page - Xicor Inc. X68C75PI Datasheet HTML 21Page - Xicor Inc. X68C75PI Datasheet HTML 22Page - Xicor Inc. X68C75PI Datasheet HTML 23Page - Xicor Inc. X68C75PI Datasheet HTML 24Page - Xicor Inc. X68C75PI Datasheet HTML 25Page - Xicor Inc. X68C75PI Datasheet HTML 26Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
22
X68C75 SLIC® E2
LAM (Latch Address Mode) Diagram
LAM TIMING
No.
Symbol
Parameter
Min.
Max.
Units
1tLHLL
AS Pulse Width
80
ns
2tAVLL
Address Setup Time
20
ns
3tLLAX
Address Hold Time
30
ns
4tPOS
Port Output Setup Time
20
ns
2899 PGM T14.1
A15–A8
AS
AD7–AD0
PB7:0
2899 ILL F31
2
1
3
2
3
4
ADDRESS
A15-A8
ADDRESS
A7-A0
DATA VALID
ADDRESS A7–A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com