Electronic Components Datasheet Search
  English  ▼

X  

SSM4816SM Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SSM4816SM
Description  DUAL N-CHANNEL MOSFET WITH SCHOTTKY DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM4816SM Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SSM4816SM Datasheet HTML 1Page - Silicon Standard Corp. SSM4816SM Datasheet HTML 2Page - Silicon Standard Corp. SSM4816SM Datasheet HTML 3Page - Silicon Standard Corp. SSM4816SM Datasheet HTML 4Page - Silicon Standard Corp. SSM4816SM Datasheet HTML 5Page - Silicon Standard Corp. SSM4816SM Datasheet HTML 6Page - Silicon Standard Corp. SSM4816SM Datasheet HTML 7Page - Silicon Standard Corp. SSM4816SM Datasheet HTML 8Page - Silicon Standard Corp. SSM4816SM Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.SiliconStandard.com
4 of 9
SSM4816SM
Rev.1.01 4/16/2004
Schottky Specifications @ Tj=25
oC (unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VF
Forward Voltage Drop
IF=1.0A
-
0.47
0.5
V
Irm
Maximum Reverse Leakage Current
Vr=30V
-
0.004
0.2
mA
Maximum Reverse Leakage Current
Vr=30V,Tj=100°C
-
0.5
1
mA
CT
Junction Capacitance
Vr=10V
-
66
-
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com