Electronic Components Datasheet Search
  English  ▼

X  

SSM4816SM Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM4816SM
Description  DUAL N-CHANNEL MOSFET WITH SCHOTTKY DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM4816SM Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM4816SM Datasheet HTML 1Page - Silicon Standard Corp. SSM4816SM Datasheet HTML 2Page - Silicon Standard Corp. SSM4816SM Datasheet HTML 3Page - Silicon Standard Corp. SSM4816SM Datasheet HTML 4Page - Silicon Standard Corp. SSM4816SM Datasheet HTML 5Page - Silicon Standard Corp. SSM4816SM Datasheet HTML 6Page - Silicon Standard Corp. SSM4816SM Datasheet HTML 7Page - Silicon Standard Corp. SSM4816SM Datasheet HTML 8Page - Silicon Standard Corp. SSM4816SM Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.SiliconStandard.com
1 of 9
SSM4816SM
Rev.1.01 4/16/2004
DUAL N-CHANNEL MOSFET WITH SCHOTTKY DIODE
Simple drive requirement
MOSFET
-1 BV DSS
30V
Suitable for DC-DC Converters
R DS(ON)
22m
Ω
Fast switching performance
ID
6.7A
MOSFET-2 BV DSS
30V
R DS(ON)
13m
Ω
Description
ID
11.5A
Absolute Maximum Ratings
Symbol
Rating
Units
MOSFET-2
VDS
Drain-Source Voltage
30
V
VGS
Gate-Source Voltage
±20
V
I D @ TA=25°C
Continuous Drain Current
3
11.5
A
ID @ TA=70°C
Continuous Drain Current
3
9.2
A
IDM
Pulsed Drain Current
1
40
A
PD @ TA=25°C
Total Power Dissipation
2.4
W
Linear Derating Factor
0.02
W/°C
TSTG
Storage Temperature Range
-55 to 150
°C
TJ
Operating Junction Temperature Range
-55 to 150
°C
Symbol
Units
Max.
Rthj-a (MOSFET-1)
Thermal Resistance Junction-ambient
3
90
°C/W
Rthj-a (MOSFET-2)
Thermal Resistance Junction-ambient
3
53
°C/W
Rthj-a (Schottky)
Thermal Resistance Junction-ambient
3
60
°C/W
1.4
0.01
42
52
Value
Thermal Data
Typ.
70
Parameter
Parameter
6.7
5.3
30
30
±20
MOSFET-1
Advanced Power MOSFETs from Silicon Standard provide
the designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-
effectiveness.
The SO-8 package is widely preferred for commercial and
industrial surface mount applications and is well suited for
low voltage applications such as DC/DC converters.
G1
S2/A
S2/A
G2
D1
S1/D2
S1/D2
S1/D2
SO-8
G1
D1
S1/D2
G2
N-channel
MOSFET 1
S2/A
N-channel
MOSFET 2
Schottky Diode


Similar Part No. - SSM4816SM

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SSM4800AGM SSC-SSM4800AGM Datasheet
399Kb / 5P
N-Channel Enhancement Mode Power Mosfet
logo
VBsemi Electronics Co.,...
SSM4800AGM VBSEMI-SSM4800AGM Datasheet
1Mb / 9P
N-Channel 20V (D-S) MOSFET
logo
Silicon Standard Corp.
SSM4800M SSC-SSM4800M Datasheet
453Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
SSM4835M SSC-SSM4835M Datasheet
164Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
SSM4880AGM SSC-SSM4880AGM Datasheet
245Kb / 5P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
More results

Similar Description - SSM4816SM

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4816S GTM-GSS4816S Datasheet
539Kb / 8P
DUAL N-CHANNEL MOSFET WITH SCHOTTKY DIODE
GSS6900S GTM-GSS6900S Datasheet
540Kb / 8P
DUAL N-CHANNEL MOSFET WITH SCHOTTKY DIODE
logo
ELM Technology Corporat...
ELM14900AA-N ELM-TECH-ELM14900AA-N Datasheet
116Kb / 5P
Dual N-channel MOSFET with schottky diode
ELM14902AA-N ELM-TECH-ELM14902AA-N Datasheet
116Kb / 5P
Dual N-channel MOSFET with schottky diode
ELM14904AA-N ELM-TECH-ELM14904AA-N Datasheet
116Kb / 5P
Dual N-channel MOSFET with schottky diode
ELM14906AA-N ELM-TECH-ELM14906AA-N Datasheet
115Kb / 5P
Dual N-channel MOSFET with schottky diode
ELM14912AA-N ELM-TECH-ELM14912AA-N Datasheet
140Kb / 7P
Dual N-channel MOSFET with schottky diode
ELM14914AA-N ELM-TECH-ELM14914AA-N Datasheet
145Kb / 7P
Dual N-channel MOSFET with schottky diode
ELM14916AA-N ELM-TECH-ELM14916AA-N Datasheet
141Kb / 7P
Dual N-channel MOSFET with schottky diode
logo
ELM Electronics
ELM341503A-N ELM-ELM341503A-N Datasheet
1Mb / 7P
Dual N-channel MOSFET with schottky diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com