Electronic Components Datasheet Search
  English  ▼

X  

RI80-2 Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # RI80-2
Description  RI80 Metal Glaze Impulse Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RI80-2 Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  RI80-2 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RI80-2 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RI80-2 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RI80-2 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
01 of 04
Version 2010
Preview
The type RI80 precision high voltage resistors were specifically designed for general purpose high voltage
systems in industrial.
The RI80 uses Token’s proprietary thick film Metal Glaze resistive element and Serpentine Pattern Design which
provides ideal cost efficient, stability, precision and high voltage characteristics for a wide range of measurement,
voltage divider circuits, and control functions in high voltage power electronics applications.
Token RI80 Precision Voltage Resistors are able to absorb large amounts of energy at high voltage while
remaining non-inductive and heavy load characteristics. The RI80 conforms to the RoHS directives and Lead-
free. Customed design, and tighter tolerances are available on request.
By utilizing specific ceramic core materials with optimum processing, Token are able to control, very tightly
in manufacturing, the important ultra-stable performance parameters in operating temperatures from -55°C to
+70°C.
Voltage handle up to 35 KV. This unique process is offered in specific resistance values in a wide variety of sizes
and terminations. The extraordinary operating stability of the Type RI80 resistors will improve the performance
of your high voltage system.
The RI80 Precision Voltage Series is RoHS compliant and lead free. For customed designs, tighter tolerances,
non-standard technical requirements, or custom special applications, please contact our sales for more
information.
RI80 Metal Glaze Impulse Resistors
Features
- Rated Wattage from 1W to 300W.
- Max Working Voltage from 10KV to 35KV.
- Resistance Tolerance G( ±2%), J(±5%), K(±10%).
- Temperature Coefficient: 200 ppm/°C to 400 ppm/°C.
- High Resistance Range from 1 Megohm to 1,000 Megohms.
Serpentine Pattern Design Achieves
High Power Voltage (RI80)
Metal Glaze
Impulse Resistors
Applications
- Impulse voltage generators,
- Arc furnace damping, Energy research,
- Pulse modulators, Radar Pulse-forming networks,
- Capacitor crowbar circuits, High voltage snubber circuits,
- X-ray/imaging equipment, and EMI/lightning supression.
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - RI80-2

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RI80-2 TOKEN-RI80-2 Datasheet
607Kb / 6P
High Voltage Surge Resistor
RI80-20 TOKEN-RI80-20 Datasheet
607Kb / 6P
High Voltage Surge Resistor
RI80-200 TOKEN-RI80-200 Datasheet
607Kb / 6P
High Voltage Surge Resistor
RI80-25 TOKEN-RI80-25 Datasheet
607Kb / 6P
High Voltage Surge Resistor
More results

Similar Description - RI80-2

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CHP WELWYN-CHP Datasheet
74Kb / 2P
Metal Glaze??General Purpose Surface Mount Power Resistors
logo
IRC - a TT electronics ...
CHP IRCTT-CHP Datasheet
151Kb / 3P
Metal Glaze??Cylindrical Surface Mount Power Resistors
GS-3501000F IRCTT-GS-3501000F Datasheet
682Kb / 2P
Thick Film Semi-Precision Metal Glaze Power Resistors
GS-3501000FLFSLT IRCTT-GS-3501000FLFSLT Datasheet
176Kb / 3P
Thick Film Semi-Precision Metal Glaze Power Resistors
SMC1502203CLF7 IRCTT-SMC1502203CLF7 Datasheet
193Kb / 3P
Cylindrical Surface Mount Metal Glaze Compliant Terminal Resistors
logo
Vishay Siliconix
VR37000001504FA100 VISHAY-VR37000001504FA100 Datasheet
111Kb / 6P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
VR37000002203JA100 VISHAY-VR37000002203JA100 Datasheet
111Kb / 6P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
logo
Riedon Powertron
MGM55 RIEDON-MGM55 Datasheet
231Kb / 2P
High Voltage Metal Glaze Film Resistors
logo
Vishay Siliconix
VR37000001005JA100 VISHAY-VR37000001005JA100 Datasheet
111Kb / 6P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
logo
TT Electronics.
GS-3-100-2203-F TTELEC-GS-3-100-2203-F Datasheet
329Kb / 3P
Thick Film Semi-Precision Metal Glaze??Power Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com