Electronic Components Datasheet Search
  English  ▼

X  

RI80-2 Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # RI80-2
Description  RI80 Metal Glaze Impulse Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RI80-2 Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  RI80-2 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RI80-2 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RI80-2 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RI80-2 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
How to Order
1W
a
51M
RI80
G
04 of 04
Part Number: RI80
Rated Power (W): 1W, 2W, 3W, 5W, 10W
Style: a Style, b Style, c Style
Resistance Value (Ω)
Code
Resistance Value (Ω)
5M1
5.1MΩ
51M
51MΩ
510M
510MΩ
Resistance Tolerance
Code
Resistance Tolerance
G
±2%
J
±5%
M
±10%
Version 2010
RI80 Metal Glaze Impulse Resistors
http://www.token.com.tw/
rfq token.com.tw
TOKEN
Back to 1st Page - High Voltage Resistors (RI80)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com