Electronic Components Datasheet Search
  English  ▼

X  

RI80-2 Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # RI80-2
Description  RI80 Metal Glaze Impulse Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RI80-2 Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  RI80-2 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RI80-2 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RI80-2 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RI80-2 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
03 of 04
Surface Mount (LRC) Emboss Plastic Tape Specifications
Part
Number
Rated
Wattage Style
Dimensions
Resistance
Range
(M Ω)
Temp
Coefficient
(10-6/°C)
Max
Working
Voltage
(kv)
Operating
Temp
Resistance
tolerance
L
max
D
max
I
D
RI80-30
30
c
116±2 19±1
10-100
≤400
30
-55°C
~
+70°C
G( ±2%)
J(±5%)
K(±10%)
RI80-50
50
c
116±2 21±1
10-100
≤400
30
RI80-80
80
c
130±2 27±1
10-51
≤400
30
RI80-100
100
c
160±2 27±1
10-51
≤400
35
RI80-150
150
c
210±2 27±1
10-51
≤400
35
RI80-200
200
c
260±2 27±1
10-51
≤400
35
RI80-300
300
c
310±2 33±1
1-51
≤400
35
Remark : Rated Continus Working Voltage (RCWW) shall be determined from RCWW = Power Rating × Resistance Value(Ω)
or Max.Working voltage listed above , whichever two.
RI80 Non-Inductive & Serpentine Pattern - Advance Technique
Non-Inductive Performance:
● RI80 Non-Inductive Design which
uses a serpentine resistive pattern
that offers for zigzagging lines
to carry current in opposite
directions, thereby
achieving maximum
neutralizationof flux
fields over the entire
length of the resistor.
● This efficient non-inductive
construction without derating of
any performance advantages is ideal
for applications where high frequency is
required.
Serpentine Pattern Screen Printing Design:
● Type RI80 Precision High Voltage Resistors combine Token’s Non-Inductive serpentine pattern,
high thru-put screen printed silicone coating.
● The alignment of the gap in the serpentine resistor pattern with the gap in the coating pattern provides
a complete encapsulation of the resistor element.
● The cap and lead assemblies are pressed onto the resistor core, finishing the resistor and providing
rugged terminal attachment.
Version 2010
RI80 Metal Glaze Impulse Resistors
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com