Electronic Components Datasheet Search
  English  ▼

X  

TPS2456RHHT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2456RHHT
Description  Dual 12 V Protection / Blocking Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2456RHHT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2456RHHT Datasheet HTML 9Page - Texas Instruments TPS2456RHHT Datasheet HTML 10Page - Texas Instruments TPS2456RHHT Datasheet HTML 11Page - Texas Instruments TPS2456RHHT Datasheet HTML 12Page - Texas Instruments TPS2456RHHT Datasheet HTML 13Page - Texas Instruments TPS2456RHHT Datasheet HTML 14Page - Texas Instruments TPS2456RHHT Datasheet HTML 15Page - Texas Instruments TPS2456RHHT Datasheet HTML 16Page - Texas Instruments TPS2456RHHT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
FT x
SENSEx
100 mV
I
=
R
SEN SEx
SEN SEx
MON x
MON x
SETx
R
I
V
=
R
R
æ
ö
´
´
ç
÷
è
ø
SETx
LIMIT x
MON x
SEN SEx
R
I
=
0.675 V
R
R
æ
ö
´
ç
÷
´
è
ø
LIMITx
MONx
SENSEx
SETx
I
R
R
R
=
0.675 V
´
´
TPS2456
www.ti.com
SLVSA78A – MARCH 2010 – REVISED MARCH 2010
When the TPS2456 protects a supply output in configurations that allow the loads to hotplug, pay special
attention to coordinating load surges (due to input capacitance) and the fast trip threshold. The fast trip threshold
may need to be set 2–5 times higher than the current limit to accommodate this. Care must also be taken if the
INx voltages can have fast rising transients. The resulting charge current to capacitors on OUTx can potentially
exceed the fast trip threshold.
FAST TRIP AND CURRENT LIMITING
Figure 17 shows a simplified block diagram of the fast trip and current limit circuitry. Each channel requires an
external N-channel protection MOSFET and three external resistors. These resistors allow the user to
independently set the fast trip threshold and the current limit threshold, as described below.
The fast trip function is designed to protect the channel against short-circuit events. If the voltage across RSENSEx
exceeds 100 mV, the TPS2456 immediately turns off the protection MOSFET, M1x. The nominal fast trip limit IFTx
is defined in Equation 1.
(1)
The current limit circuit regulates VGAT1x to control the channel current from exceeding ILIMITx. The current limit
circuitry includes two amplifiers, A1 and A2, as shown in Figure 17 and Figure 4. Amplifier A1 forces the voltage
across external resistor RSETx to equal the voltage across external resistor RSENSEx. The current that flows
through RSETx also flows through external resistor RMONx, generating a voltage on the MONx pin per Equation 2.
(2)
Amplifier A2 implements a slow-reacting current limit. As long as VMONx is less than 0.675 V, GAT1x operates
normally. When VMONx exceeds 0.675 V, amplifier A2 causes a small current to be drawn from GAT1x. The
gate-to-source voltage of M1x drops until load current is reduced and the two inputs of amplifier A2 balance. The
current flowing through the channel then equals ILIMITx per Equation 3.
(3)
(4)
The recommended value of RMONx is 6.81 kΩ. This resistor should be greater than 675 Ω to prevent excessive
currents from flowing through the internal circuitry.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS2456



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com