Electronic Components Datasheet Search
  English  ▼

X  

TPS2456RHHT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2456RHHT
Description  Dual 12 V Protection / Blocking Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2456RHHT Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2456RHHT Datasheet HTML 17Page - Texas Instruments TPS2456RHHT Datasheet HTML 18Page - Texas Instruments TPS2456RHHT Datasheet HTML 19Page - Texas Instruments TPS2456RHHT Datasheet HTML 20Page - Texas Instruments TPS2456RHHT Datasheet HTML 21Page - Texas Instruments TPS2456RHHT Datasheet HTML 22Page - Texas Instruments TPS2456RHHT Datasheet HTML 23Page - Texas Instruments TPS2456RHHT Datasheet HTML 24Page - Texas Instruments TPS2456RHHT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
(
)
(
)
(
)
T_M1x
ISS
ADD
OUTx
RSS
ADD
ISS
ADD
TMR_MIN
G
G
G
V
C
+ C
V
× C
+ C
6× C
+ C
t
=
+
+
I
I
I
LOAD
INTER-
CONNECT
INTER-
CONNECT
POWERSUPPLY
TPS2456
GAT1x
GAT2x
OUTx
INx
SENMx
SENPx
1kW
100
100
CGS
CGD
BlockingMOSFET
CDS
CGS
CGD
ProtectionMOSFET
CDS
ESD
Diode
ESD
Diode
ESD
Diode
ESD
Diode
LP
R
LOAD
E=LI
2/2
OUTPUT
RP
LP
E=LI
2/2
RP
LP+
LEMI_FILTER
LP
LP
E=LI
2/2
RP
LP
E=LI
2/2
RP
+
INPUT
CIN
COUT
TPS2456
www.ti.com
SLVSA78A – MARCH 2010 – REVISED MARCH 2010
CADD can be adjusted so that IINx_PEAK is less than ILIMITx avoiding current limit start-up. Using a controlled gate
ramp requires lower peak current, but takes longer to charge the output capacitance. The length of the fault time
needs to be selected to accomodate this longer ramp up time. The minimum time the fault timer should be set to
is described by Equation 22.
(22)
BYPASS CAPACITORS
It is a good practice to provide low-impedance ceramic capacitor bypassing of INx and OUTx. Values in the
range of 10 nF to 1 µF are recommended. Some system topologies are insensitive to the values of these
capacitors; however, some are not and prefer to minimize the value of the bypass capacitor.
Input capacitance on a plug-in board may cause a large inrush current as the capacitor charges through the low
impedance power bus when inserted. This stresses the connector contacts and causes a short voltage sag on
the input bus. Small amounts of capacitance (e.g., 10 nF to 0.1 µF) are often tolerable in these systems.
Filter capacitors at the output of a redundant plug-in board are useful for controlling voltage transients, but they
may can cause problems when the board is inserted into an active bus. If the output capacitor charge from an
active bus is not limited, the inrush surge might engage the active supply's fast-trip shutdown. One possible
solution is to put a few Ohms of resistance in series with the capacitor to limit inrush below the fast trip level.
TRANSIENT PROTECTION
If the TPS2456 is used in applications which have large input and output capacitors, voltage transients during
load steps or short circuits are controlled and pose no problems.
TPS2456 devices are sometimes deployed systems that may have long, inductive feed or load interconnections.
The effect of the inductance, with little local capacitance, gives rise to potential voltage transient issues. A
simplified model of this is shown in Figure 22. Channel current transients may be caused by events such as
hot-plug, output shorts with fast turnoff, or abrupt load changes. The combination of input inductance and an
abrupt load decrease causes a positive voltage spike on the TPS2354 INPUT pins. The combination of output
inductance and an abrupt load decrease will cause a negative voltage spike on the TPS2354 OUTPUT. These
transients have the potential to exceed the Absolute Maximum Ratings, either damaging the TPS23754 or
causing undesired operation.
NOTE: LP = Parasitic Inductance (not all instances equal)
RP = Parasitic Resistance (not all instances equal)
Figure 22. System Transient Model
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPS2456



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com