Electronic Components Datasheet Search
  English  ▼

X  

DS1877 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS1877
Description  SFP Controller for Dual Rx Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1877 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS1877 Datasheet HTML 9Page - Maxim Integrated Products DS1877 Datasheet HTML 10Page - Maxim Integrated Products DS1877 Datasheet HTML 11Page - Maxim Integrated Products DS1877 Datasheet HTML 12Page - Maxim Integrated Products DS1877 Datasheet HTML 13Page - Maxim Integrated Products DS1877 Datasheet HTML 14Page - Maxim Integrated Products DS1877 Datasheet HTML 15Page - Maxim Integrated Products DS1877 Datasheet HTML 16Page - Maxim Integrated Products DS1877 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
SFP Controller for Dual Rx Interface
13
Detailed Description
The DS1877 integrates the control and monitoring func-
tionality required in an SFP or SFP+ system. The device
is specifically designed for a dual-receiver SFP module.
Key components of the device are shown in the Block
Diagram and described in subsequent sections.
DACs During Power-Up
On power-up, the device sets the DACs to high imped-
ance. After time tINIT, the DACs are set to an initial con-
dition set in EEPROM. After a temperature conversion is
completed and if the VCC LO alarm is enabled, an addi-
tional VCC conversion above the customer-defined VCC
LO alarm level is required before the DACs are updated
with the value determined by the temperature conversion
and the DAC LUT. See Figure 1.
Quick-Trip Timing
As shown in Figure 2, the device’s input comparator is
shared between two LOS comparisons. The comparator
polls the alarms in a multiplexed sequence. The com-
parator checks the LOS (RSSI1_ and RSSI2_) signals
against the internal reference. Depending on the results
of the comparison, the corresponding alarms and warn-
ings are asserted or deasserted. Any QT alarm that is
detected by default remains active until a subsequent
comparator sample shows that the condition no longer
exists.
Table 1. Acronyms
Figure 1. Power-Up Timing
Figure 2. Quick-Trip Sample Timing
VCC
VPOA
DAC
SETTINGS
HIGH IMPEDANCE
OFF STATE
LUT VALUE
500µs
tINIT
QUICK-TRIP SAMPLE TIMES
LOS2
LOS1
LOS1
LOS2
tREP
ACRONYM
DESCRIPTION
ADC
Analog-to-Digital Converter
AGC
Automatic Gain Control
APC
Automatic Power Control
APD
Avalanche Photodiode
ATB
Alarm Trap Bytes
DAC
Digital-to-Analog Converter
LOS
Loss of Signal
LUT
Lookup Table
NV
Nonvolatile
QT
Quick Trip
TIA
Transimpedance Amplifier
ROSA
Receiver Optical Subassembly
SEE
Shadowed EEPROM
SFF
Small Form Factor
SFF-8472
Document Defining Register Map of SFPs
and SFFs
SFP
Small Form Factor Pluggable
SFP+
Enhanced SFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com