Electronic Components Datasheet Search
  English  ▼

X  

DS1877 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS1877
Description  SFP Controller for Dual Rx Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1877 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS1877 Datasheet HTML 15Page - Maxim Integrated Products DS1877 Datasheet HTML 16Page - Maxim Integrated Products DS1877 Datasheet HTML 17Page - Maxim Integrated Products DS1877 Datasheet HTML 18Page - Maxim Integrated Products DS1877 Datasheet HTML 19Page - Maxim Integrated Products DS1877 Datasheet HTML 20Page - Maxim Integrated Products DS1877 Datasheet HTML 21Page - Maxim Integrated Products DS1877 Datasheet HTML 22Page - Maxim Integrated Products DS1877 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
SFP Controller for Dual Rx Interface
19
Digital I/O Pins
Four digital input pins and four digital output pins are
provided for monitoring and control.
LOS1, LOS2, and LOSOUT
When LOSC_ = 0 (Table 02h, Register 8Ah), the LOS_
pin is used to convert a standard comparator output for
LOS to an open-collector output. The output of the mux
can be read in the STATUS register (Lower Memory,
Register 6Eh) as the RXL bit. The RXL signal can be
inverted (INVLOS_ = 1) before driving the open-drain
output transistor using the XOR gate provided. Setting
LOSC_ = 1 configures the mux to be controlled by the
LOS LO QT alarm. The mux setting (stored in EEPROM)
does not take effect until VCC > POA, allowing the
EEPROM to recall.
INX, RSEL, OUTX, RSELOUT
Digital input pins INX and RSEL primarily serve to meet
the rate-select requirements of SFP and SFP+. They
can also serve as general-purpose inputs. OUT1 and
RSELOUT are driven by a combination of the INX, RSEL,
and logic dictated by control registers in the EEPROM
(see Figure 11). The levels of INX and RSEL can be read
from the STATUS register (Lower Memory, Register 6Eh).
The open-drain output OUTX can be controlled and/or
inverted using the CNFGB register (Table 02h, Register
89h). The open-drain RSELOUT output is software con-
trolled and/or inverted through the STATUS register and
Figure 10. DAC Offset LUTs
Figure 11. Logic Diagram
DAC OFFSET LUTs (04h)[A2h/B2h]
EIGHT REGISTERS PER DAC
0
255
511
767
1023
EACH OFFSET REGISTER CAN BE INDEPENDENTLY SET BETWEEN
0 AND 1020. 1020 = 4 x FFh. THIS EXAMPLE ILLUSTRATES POSITIVE
AND NEGATVE TEMPCO.
DAC
LUT
BITS
7:0
F8h
DAC
LUT
BITS
7:0
F9h
DAC
LUT
BITS
7:0
FAh
DAC
LUT
BITS
7:0
FBh
DAC
LUT
BITS
7:0
FCh
DAC
LUT
BITS
7:0
FDh
DAC
LUT
BITS
7:0
FEh
DAC
LUT
BITS
7:0
FFh
0
255
511
-40°C
-8°C
+8°C
+24°C +40°C +56°C +70°C +88°C +104°C
767
1023
EACH OFFSET REGISTER CAN BE INDEPENDENTLY
SET BETWEEN 0 AND 1020. 1020 = 4 x FFh. THIS
EXAMPLE ILLUSTRATES POSITIVE TEMPCO.
DAC
LUT
BITS
7:0
F8h
DAC
LUT
BITS
7:0
F9h
DAC
LUT
BITS
7:0
FAh
DAC
LUT
BITS
7:0
FBh
DAC
LUT
BITS
7:0
FCh
DAC
LUT
BITS
7:0
FDh
DAC
LUT
BITS
7:0
FEh
DAC
LUT
BITS
7:0
FFh
DAC OFFSET LUTs (04h/06h)[A2h/B2h]
EIGHT REGISTERS PER DAC
-40°C
-8°C
+8°C
+24°C +40°C +56°C +70°C +88°C +104°C
INVOUT1
IN1C
IN1
IN1S
RXL
OUT1
INVRSOUT
INVLOSOUT
LOSC1
LOS1
LOS LO1
INVLOS1
MUX
RSELOUT
RSELC
RSEL
RSELS
= PINS
LOSOUT
LOS2
INVLOS2
LOSC2
LOS LO2
MUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com