Electronic Components Datasheet Search
  English  ▼

X  

DS1877 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS1877
Description  SFP Controller for Dual Rx Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1877 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS1877 Datasheet HTML 17Page - Maxim Integrated Products DS1877 Datasheet HTML 18Page - Maxim Integrated Products DS1877 Datasheet HTML 19Page - Maxim Integrated Products DS1877 Datasheet HTML 20Page - Maxim Integrated Products DS1877 Datasheet HTML 21Page - Maxim Integrated Products DS1877 Datasheet HTML 22Page - Maxim Integrated Products DS1877 Datasheet HTML 23Page - Maxim Integrated Products DS1877 Datasheet HTML 24Page - Maxim Integrated Products DS1877 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
SFP Controller for Dual Rx Interface
21
of SCL plus the setup and hold time requirements
(Figure 12). Data is shifted into the device during the
rising edge of the SCL.
Bit Read: At the end of a write operation, the master
must release the SDA bus line for the proper amount
of setup time (Figure 12) before the next rising edge
of SCL during a bit read. The device shifts out each
bit of data on SDA at the falling edge of the previous
SCL pulse and the data bit is valid at the rising edge
of the current SCL pulse. Remember that the master
generates all SCL clock pulses, including when it is
reading bits from the slave.
Acknowledgement (ACK and NACK): An acknowl-
edgement (ACK) or not-acknowledge (NACK) is
always the 9th bit transmitted during a byte transfer.
The device receiving data (the master during a read
or the slave during a write operation) performs an ACK
by transmitting a zero during the 9th bit. A device per-
forms a NACK by transmitting a one during the 9th bit.
Timing (Figure 12) for the ACK and NACK is identical
to all other bit writes. An ACK is the acknowledgment
that the device is properly receiving data. A NACK is
used to terminate a read sequence or as an indication
that the device is not receiving data.
Byte Write: A byte write consists of 8 bits of informa-
tion transferred from the master to the slave (most
significant bit first) plus a 1-bit acknowledgement
from the slave to the master. The 8 bits transmitted by
the master are done according to the bit write defini-
tion and the acknowledgement is read using the bit
read definition.
Byte Read: A byte read is an 8-bit information transfer
from the slave to the master plus a 1-bit ACK or NACK
from the master to the slave. The 8 bits of information
that are transferred (most significant bit first) from the
slave to the master are read by the master using the
bit read definition, and the master transmits an ACK
using the bit write definition to receive additional data
bytes. The master must NACK the last byte read to
terminate communication so the slave returns control
of SDA to the master.
Slave Address Byte: Each slave on the I2C bus
responds to a slave address byte sent immediately
following a START condition. The slave address byte
contains the slave address in the most significant 7
bits and the R/W bit in the least significant bit.
The device responds to three slave addresses.
The auxiliary memory always responds to a fixed
I2C slave address, A0h. (If the main device’s slave
address is programmed to be A0h/B0h, access to
the auxiliary memory is disabled.) The Lower Memory
and Tables 00h–05h respond to I2C slave addresses
whose lower 3 bits are configurable (A0h−AEh,
B0h−BEh) using the DEVICE ADDRESS byte (Table
02h, Register 8Bh). The user also must set the ASEL
bit (Table 02h, Register 88h) for this address to be
active. By writing the correct slave address with R/W
= 0, the master indicates it writes data to the slave.
If R/W = 1, the master reads data from the slave.
If an incorrect slave address is written, the device
assumes the master is communicating with another
I2C device and ignores the communications until the
next START condition is sent.
Memory Address: During an I2C write operation
to the device, the master must transmit a memory
address to identify the memory location where the
slave is to store the data. The memory address is
always the second byte transmitted during a write
operation following the slave address byte.
I2C Protocol
See Figure 13 for an example of I2C timing.
Writing a Single Byte to a Slave: The master must
generate a START condition, write the slave address
byte (R/W  = 0), write the memory address, write
the byte of data, and generate a STOP condition.
Remember that the master must read the slave’s
acknowledgement during all byte write operations.
Writing Multiple Bytes to a Slave: To write multiple
bytes to a slave, the master generates a START
condition, writes the slave address byte (R/W = 0),
writes the memory address, writes up to 8 data
bytes, and generates a STOP condition. The device
writes 1 to 8 bytes (one page or row) with a single
write transaction. This is internally controlled by an
address counter that allows data to be written to con-
secutive addresses without transmitting a memory
address before each data byte is sent. The address
counter limits the write to one 8-byte page (one row
of the memory map). Attempts to write to additional
pages of memory without sending a STOP condition
between pages result in the address counter wrap-
ping around to the beginning of the present row.
For example: A 3-byte write starts at address 06h and
writes three data bytes (11h, 22h, and 33h) to three
“consecutive” addresses. The result is that addresses
06h and 07h would contain 11h and 22h, respec-
tively, and the third data byte, 33h, would be written
to address 00h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com