Electronic Components Datasheet Search
  English  ▼

X  

MAXQ61CE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAXQ61CE
Description  16-Bit Microcontroller with Infrared Module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ61CE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAXQ61CE Datasheet HTML 7Page - Maxim Integrated Products MAXQ61CE Datasheet HTML 8Page - Maxim Integrated Products MAXQ61CE Datasheet HTML 9Page - Maxim Integrated Products MAXQ61CE Datasheet HTML 10Page - Maxim Integrated Products MAXQ61CE Datasheet HTML 11Page - Maxim Integrated Products MAXQ61CE Datasheet HTML 12Page - Maxim Integrated Products MAXQ61CE Datasheet HTML 13Page - Maxim Integrated Products MAXQ61CE Datasheet HTML 14Page - Maxim Integrated Products MAXQ61CE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
16-Bit Microcontroller with Infrared Module
______________________________________________________________________________________ 11
Pin Description (continued)
PIN
NAME
FUNCTION
BARE DIE
32 TQFN-
EP/LQFP
44 TQFN-
EP/TQFP
Port 2 General-Purpose, Digital I/O Pins. These port pins function as
general-purpose I/O pins with their input and output states controlled by
the PD2, PO2, and PI2 registers. All port pins default to high-impedance
mode after a reset. Software must configure these pins after release
from reset to remove the high-impedance condition. All special func-
tions must be enabled from software before they can be used.
GPIO PORT PIN
SPECIAL FUNCTION
9
—
8
P2.0/MOSI
P2.0
SPI: Master Out-Slave In
10
—
9
P2.1/MISO
P2.1
SPI: Master In-Slave Out
11
—
10
P2.2/SCLK
P2.2
SPI: Slave Clock
12
—
11
P2.3/SSEL
P2.3
SPI: Active-Low Slave Select
28
18
29
P2.4/TCK
P2.4
JTAG: Test Clock
29
19
30
P2.5/TDI
P2.5
JTAG: Test Data In
30
20
31
P2.6/TMS
P2.6
JTAG: Test Mode Select
31
21
32
P2.7/TDO
P2.7
JTAG: Test Data Out
Port 3 General-Purpose, Digital I/O Pins with Interrupt Capability. These
port pins function as general-purpose I/O pins with their input and out-
put states controlled by the PD3, PO3, and PI3 registers. All port pins
default to high-impedance mode after a reset. Software must configure
these pins after release from reset to remove the high-impedance con-
dition. All external interrupts must be enabled from software before they
can be used.
GPIO PORT PIN
EXTERNAL INTERRUPT
19
—
18
P3.0/INT8
P3.0
INT8
20
—
19
P3.1/INT9
P3.1
INT9
21
—
20
P3.2/INT10
P3.2
INT10
22
—
21
P3.3/INT11
P3.3
INT11
23
—
22
P3.4/INT12
P3.4
INT12
24
—
23
P3.5/INT13
P3.5
INT13
25
—
24
P3.6/INT14
P3.6
INT14
26
—
25
P3.7/INT15
P3.7
INT15
NO CONNECTION PINS
—
15, 16
26, 27
N.C.
No Connection. Not internally connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com