Electronic Components Datasheet Search
  English  ▼

X  

MAXQ61CE Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAXQ61CE
Description  16-Bit Microcontroller with Infrared Module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ61CE Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAXQ61CE Datasheet HTML 17Page - Maxim Integrated Products MAXQ61CE Datasheet HTML 18Page - Maxim Integrated Products MAXQ61CE Datasheet HTML 19Page - Maxim Integrated Products MAXQ61CE Datasheet HTML 20Page - Maxim Integrated Products MAXQ61CE Datasheet HTML 21Page - Maxim Integrated Products MAXQ61CE Datasheet HTML 22Page - Maxim Integrated Products MAXQ61CE Datasheet HTML 23Page - Maxim Integrated Products MAXQ61CE Datasheet HTML 24Page - Maxim Integrated Products MAXQ61CE Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
16-Bit Microcontroller with Infrared Module
______________________________________________________________________________________ 21
Operating Modes
The lowest power mode of operation is stop mode. In this
mode, CPU state and memories are preserved, but the
CPU is not actively running. Wake-up sources include
external I/O interrupts, the power-fail warning interrupt,
wake-up timer, or a power-fail reset. Any time the micro-
controller is in a state where code does not need to be
executed, the user software can put the device into stop
mode. The nanopower ring oscillator is an internal ultra-
low-power (400nA) 8kHz ring oscillator that can be used
to drive a wake-up timer that exits stop mode. The wake-
up timer is programmable by software in steps of 125Fs
up to approximately 8s.
The power-fail monitor is always on during normal opera-
tion. However, it can be selectively disabled during stop
mode to minimize power consumption. This feature is
enabled using the power-fail monitor disable (PFD) bit
in the PWCN register. The reset default state for the PFD
bit is 1, which disables the power-fail monitor function
during stop mode. If power-fail monitoring is disabled
(PFD = 1) during stop mode, the circuitry responsible
for generating a power-fail warning or reset is shut down
and neither condition is detected. Thus, the VDD < VRST
condition does not invoke a reset state.
Power-Fail Detection
Figures 10, 11, and 12 show the power-fail detection and
response during normal and stop-mode operation. If a
reset is caused by a power-fail, the power-fail monitor
can be set to one of the following intervals:
• Always on—continuous monitoring
• 211 nanopower ring oscillator clocks (~256ms)
• 212 nanopower ring oscillator clocks (~512ms)
• 213 nanopower ring oscillator clocks (~1.024s)
In the case where the power-fail circuitry is periodically
turned on, the power-fail detection is turned on for two
nanopower ring-oscillator cycles. If VDD > VRST during
detection, VDD is monitored for an additional nanopower
ring-oscillator period. If VDD remains above VRST for
the third nanopower ring period, the CPU exits the reset
state and resumes normal operation from utility ROM at
8000h after satisfying the crystal warmup period.
If a reset is generated by any other event, such as the
RESET pin being driven low externally or the watchdog
timer, the power-fail, internal regulator, and crystal
remain on during the CPU reset. In these cases, the CPU
exits the reset state in less than 20 crystal cycles after
the reset source is removed.
Figure 10. Power-Fail Detection During Normal Operation
A
B
C
D
F
G
H
I
E
VDD
VPFW
VRST
VPOR
INTERNAL RESET
(ACTIVE HIGH)
t
< tPFW
t
≥ tPFW
t
≥ tPFW
t
≥ tPFW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com