Electronic Components Datasheet Search
  English  ▼

X  

MAXQ61CE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAXQ61CE
Description  16-Bit Microcontroller with Infrared Module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ61CE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAXQ61CE Datasheet HTML 1Page - Maxim Integrated Products MAXQ61CE Datasheet HTML 2Page - Maxim Integrated Products MAXQ61CE Datasheet HTML 3Page - Maxim Integrated Products MAXQ61CE Datasheet HTML 4Page - Maxim Integrated Products MAXQ61CE Datasheet HTML 5Page - Maxim Integrated Products MAXQ61CE Datasheet HTML 6Page - Maxim Integrated Products MAXQ61CE Datasheet HTML 7Page - Maxim Integrated Products MAXQ61CE Datasheet HTML 8Page - Maxim Integrated Products MAXQ61CE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
16-Bit Microcontroller with Infrared Module
_______________________________________________________________________________________ 5
RECOMMENDED OPERATING CONDITIONS (continued)
(VDD = VRST to 3.6V, TA = 0NC to +70NC, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IRRX Input Filter Pulse-Width
Reject
tIRRX_R
50
ns
IRRX Input Filter Pulse-Width
Accept
tIRRX_A
300
ns
Output Low Voltage for IRTX
VOL_IRTX
VDD = 3.6V, IOL = 25mA (Note 3)
1.0
V
VDD = 2.35V, IOL = 10mA (Note 3)
1.0
VDD = 1.85V, IOL = 4.5mA
1.0
Output Low Voltage for RESET
and All Port Pins (Note 8)
VOL
VDD = 3.6V, IOL = 11mA (Note 3)
0.4
0.5
V
VDD = 2.35V, IOL = 8mA (Note 3)
0.4
0.5
VDD = 1.85V, IOL = 4.5mA
0.4
0.5
Output High Voltage for IRTX
and All Port Pins
VOH
IOH = -2mA
VDD - 0.5
VDD
V
Input/Output Pin Capacitance
for All Port Pins
CIO
(Note 3)
15
pF
Input Leakage Current
IL
Internal pullup disabled
-100
+100
nA
Input Pullup Resistor for
RESET, IRTX, IRRX, P0, P1, P2
RPU
VDD = 3.0V, VOL = 0.4V (Note 3)
16
28
39
k
W
VDD = 2.0V, VOL = 0.4V
17
30
41
EXTERNAL CRYSTAL/RESONATOR
Crystal/Resonator
fHFXIN
DC
12
MHz
Crystal/Resonator Period
tHFXIN
1/fHFXIN
ns
Crystal/Resonator Warmup
Time
tXTAL_RDY From initial oscillation
8192 x
tHFXIN
ms
Oscillator Feedback Resistor
ROSCF
(Note 3)
0.5
1.0
1.5
M
W
EXTERNAL CLOCK INPUT
External Clock Frequency
fXCLK
DC
12
MHz
External Clock Period
tXCLK
1/fXCLK
ns
External Clock Duty Cycle
tXCLK_DUTY (Note 3)
45
55
%
System Clock Frequency
fCK
fHFXIN
MHz
HFXOUT = GND
fXCLK
System Clock Period
tCK
1/fCK
ns
NANOPOWER RING
Nanopower Ring Frequency
fNANO
TA = +25NC
3.0
8.0
20.0
kHz
TA = +25NC, VDD = POR voltage
(Note 3)
1.7
2.4
Nanopower Ring Duty Cycle
tNANO
(Note 3)
40
60
%
Nanopower Ring Current
INANO
Typical at VDD = 1.64V,
TA = +25°C (Note 3)
40
400
nA
WAKE-UP TIMER
Wake-Up Timer Interval
tWAKEUP
1/fNANO
65,535/
fNANO
s
IR
Carrier Frequency
fIR
(Note 3)
fCK/2
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com