Electronic Components Datasheet Search
  English  ▼

X  

P26 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # P26
Description  P cores and accessories
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

P26 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  P26 Datasheet HTML 1Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 2Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 3Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 4Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 5Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 6Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 7Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 8Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2008 Sep 01
994
Ferroxcube
P cores and accessories
P26/16
Core sets for general purpose transformers and power applications
Clamping force for AL measurements, 200
±50 N.
Core sets of high permeability grades
Clamping force for AL measurements, 200
± 50 N.
Properties of core sets under power conditions
Note
1.
Measured at 60
°C.
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3C81
160
±3%
≈ 51
≈ 950
P26/16-3C81-E160
250
±3%
≈ 80
≈ 560
P26/16-3C81-A250
315
±3%
≈ 100
≈ 420
P26/16-3C81-A315
400
±3%
≈ 127
≈ 320
P26/16-3C81-A400
630
±3%
≈ 200
≈ 190
P26/16-3C81-A630
6700
±25%
≈ 2130
≈ 0
P26/16-3C81
3C91
6700
±25%
≈ 2130
≈ 0
P26/16-3C91
3F3
160
±3%
≈ 51
≈ 950
P26/16-3F3-E160
250
±3%
≈ 80
≈ 560
P26/16-3F3-A250
315
±3%
≈ 100
≈ 420
P26/16-3F3-A315
400
±3%
≈ 127
≈ 320
P26/16-3F3-A400
630
±3%
≈ 200
≈ 190
P26/16-3F3-A630
4600
±25%
≈ 1470
≈ 0
P26/16-3F3
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3E27
12000
±25%
≈ 3820
≈ 0
P26/16-3E27
GRADE
B (mT) at
CORELOSS(W) at
H= 250 A/m;
f = 25 kHz;
T = 100
°C
f = 25 kHz;
=200 mT;
T = 100
°C
f= 100 kHz;
=100 mT;
T=100
°C
f= 100 kHz;
= 200 mT;
T = 100
°C
f = 400 kHz;
=50 mT;
T = 100
°C
3C81
≥320
≤ 0.82
−−−
3C91
≥315
−≤ 0.21(1)
≤ 1.6(1)
−
3F3
≥315
−≤ 0.4
−≤ 0.65
B
ˆ
B
ˆ
B
ˆ
B
ˆ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com